Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54610P Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M54610P
Description  8-BIT PARALLEL DATA INTERFACE FOR PRINTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54610P Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M54610P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54610P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54610P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54610P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54610P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54610P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M54610P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M54610P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M54610P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
8-BIT PARALLEL DATA INTERFACE FOR PRINTER
M54610P
MITSUBISHI <CONTROL / DRIVER IC>
VI
ABSOLUTE MAXIMUM RATINGS (Ta = -20 – 75
°C unless otherwise noted)
Ratings
Symbol
Unit
Parameter
VCC
Supply voltage
Conditions
When output is “H”
Input voltage
Output voltage
Topr
Operating temperature
Tstg
Storage temperature
RECOMMENDED OPERATING CONDITIONS (Ta = -20 75
°C unless otherwise noted)
Symbol
Parameter
VCC
Supply voltage
V
Unit
IOH
IOL
“H” output current
“L” output current
OR, OA
µA
mA
V
V
-0.5 – +7
-0.5 – +15
-0.5 – VCC
-0.5 – +15
-0.5 – VCC
-0.5 – +5.5
-20 – 75
-55 – 125
V
°C
°C
VO
When output is “H”
When output is “H”
IR, IS
IA, IAA, IRR
OR
OA, OD
OZ
OZ
OD VO = 5.5V
OR, OA
OZ
OD
Limits
Min.
Typ.
Max.
5
5.25
-400
4.75
0
0
0
0
0
0
-2.8
100
8
8
100
µA
mA


Similar Part No. - M54610P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54617P MITSUBISHI-M54617P Datasheet
116Kb / 8P
   LAN TRANSCEIVER
More results

Similar Description - M54610P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDE1400 ETC1-EDE1400 Datasheet
184Kb / 7P
   Parallel-Printer Interface IC
logo
NXP Semiconductors
74HCT1284 PHILIPS-74HCT1284 Datasheet
138Kb / 12P
   Parallel printer interface transceiver/buffer
1998 Jul 10
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
   3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
logo
Holt Integrated Circuit...
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
logo
Texas Instruments
DS32EL0421SQE TI1-DS32EL0421SQE Datasheet
2Mb / 32P
[Old version datasheet]   5-bit DDR LVDS Parallel Data Interface
logo
Holt Integrated Circuit...
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
logo
Motorola, Inc
MC14442 MOTOROLA-MC14442 Datasheet
322Kb / 10P
   8-BIT A/D CONVERTER WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com