Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALA2PF12 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ALA2PF12
Description  2 Form A slim power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALA2PF12 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ALA2PF12 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALA2PF12 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALA2PF12 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LA
277
5-(1). Electrical life test
(3 A 125 V AC, resistive load)
Sample: ALA2F12, 6 pcs.
Operation frequency: 20 times/min.
(ON/OFF = 1.5s: 1.5s)
Ambient temperature: 20
°C 68°F
Circuit:
G
NO
COM
NO
COM
125V AC
12V DC
Contact
welding
detection
and Mis-
contacting
detection
circuit
Change of pick-up and drop-out voltage
Change of contact resistance
0
0
20
40
60
80
100
2.5
5
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
Pick-up voltage
Drop-out voltage
0
0
10
20
30
40
50
5
2.5
Max.
Min.
x
No. of operations,
×104
5-(2). Electrical life test
(5 A 250 V AC, resistive load)
Sample: ALA2PF12, 6 pcs.
Operation frequency: 20 times/min.
(ON/OFF = 1.5s: 1.5s)
Ambient temperature: 20
°C 68°F
Circuit:
G
NO
COM
NO
COM
250V AC
12V DC
Contact
welding
detection
and Mis-
contacting
detection
circuit
Change of pick-up and drop-out voltage
Change of contact resistance
0
0
20
40
60
80
100
2.5
5
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
Pick-up voltage
Drop-out voltage
0
0
10
20
30
40
50
5
2.5
Max.
Min.
x
No. of operations,
×104
5-(3). Electrical life test
(UL lamp load test TV-4)
Tested sample: ALA2PF12, 6 pcs.
• Overload test
Load: 6.0 A 120 V AC (60 Hz),
Inrush: 91 A
Operation frequency: 10 times/min
(ON: OFF = 1 s: 5 s)
No. of operations: 50 ope.
• Endurance test
Load: 4A 120 V AC (60 Hz),
Inrush: 65 A
Operation frequency: 10 times/min
(ON: OFF = 1 s: 5 s)
No. of operations: 25,000 ope.
Change of pick-up and drop-out voltage
Change of contact resistance
0
0
20
40
60
80
100
2.5
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
Pick-up voltage
Drop-out voltage
0
0
10
20
30
40
50
2.5
Max.
Min.
x
No. of operations,
×104
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - ALA2PF12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALA2PF12 PANASONIC-ALA2PF12 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
More results

Similar Description - ALA2PF12

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
   Slim 2 Form A Miniature PC Board Relay
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
   Slim (7.2mm .283inch), 1 Form A 5A power relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
logo
Vishay Siliconix
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
logo
Fujitsu Component Limit...
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com