Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALA2PF24 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ALA2PF24
Description  2 Form A slim power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALA2PF24 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ALA2PF24 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALA2PF24 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALA2PF24 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LA
276
TYPES AND COIL DATA (at 20
°C 68°F)
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Coil
resistance,
Ω (±10%)
Nominal
operating
current,
mA (
±10%)
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC
3 A type
5A TV type
ALA2F12
ALA2PF12
12
(Initial) 9
(Initial) 0.6
272
44.2
530
15.6
ALA2F24
ALA2PF24
24
(Initial) 18
(Initial) 1.2
1,087
22.1
530
31.2
DIMENSIONS
mm inch
0.3
.012
0.4
.016
4
.157
0.5
.020
1.65
.065
Max. 24
.945
Max. 25.0
.984
Max. 12
.472
0.5
.020
15.0
.591
5.0
.197
1.0
.039
1.0
.039
7.5
.295
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance :
±0.1 ±.004
Schematic (Bottom view)
4-1.3 dia
4-.051 dia
2-0.9 dia
2-.035 dia
15.0
.591
7.5
.295
5.0
.197
REFERENCE DATA
1. Max. switching power (AC resistive load)
2-(1). Life curve (250 V AC resistive load)
2-(2). Life curve (125 V AC resistive load)
10
3
5
0
300
100
Contact voltage, V
ALA2PF12
ALA2F12
100
10
1
1
0
2345
250V AC resistive load
Contact current, A
100
10
1
1
02
3
125V AC resistive load
Contact current, A
3-(1). Coil temperature rise
Sample: ALA2F12, 6 pcs.
Measured portion: coil inside
Contact current: 0 A, 3A
3-(2). Coil temperature rise
Sample: ALA2PF12, 6 pcs.
Measured portion: coil inside
Contact current: 0 A, 5A
4. Ambient temperature characteristics and coil
applied voltage
Contact current: ALA2F=3A
ALA2PF=5A
80
0
0
5
10
15
20
25
30
35
40
45
50
100
120
Coil applied voltage, %V
20
°C 3A
20
°C 0A
70
°C 3A
70
°C 0A
80
0
0
5
10
15
20
25
30
35
40
45
50
100
120
Coil applied voltage, %V
70
°C 5A
70
°C 0A
20
°C 5A
20
°C 0A
0
200
100
50
150
020
40
60
80
Ambient temperature,
°C
Allowable ambient temperatures
against % coil voltages
(max. inside the coil
temperature set as
115
°C 239°F)


Similar Part No. - ALA2PF24

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALA2PF24 PANASONIC-ALA2PF24 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
More results

Similar Description - ALA2PF24

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
   Slim 2 Form A Miniature PC Board Relay
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
   Slim (7.2mm .283inch), 1 Form A 5A power relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
logo
Vishay Siliconix
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
logo
Fujitsu Component Limit...
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com