Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY99 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CGY99
Description  GaAs MMIC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CGY99 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button CGY99 Datasheet HTML 2Page - Infineon Technologies AG CGY99 Datasheet HTML 3Page - Infineon Technologies AG CGY99 Datasheet HTML 4Page - Infineon Technologies AG CGY99 Datasheet HTML 5Page - Infineon Technologies AG CGY99 Datasheet HTML 6Page - Infineon Technologies AG CGY99 Datasheet HTML 7Page - Infineon Technologies AG CGY99 Datasheet HTML 8Page - Infineon Technologies AG CGY99 Datasheet HTML 9Page - Infineon Technologies AG CGY99 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Book
7
03.00
CGY 99
PCN-Measurements (Board Matched for
Reduced Output Power)
CGY 99
f = 1750 MHz, V
G = – 0.58 V, VD = 3.15 V
-10
EHT08929
20
OUT
P
IN
P
22
24
26
28
30
32
34
36
dBm
0
10
20
30
40
50
60
70
80
%
PAE
OUT
P
PAE
-8 -6 -4 -2 02
4
6 dBm 10
CGY 99
f = 1750 MHz, P
in = 5 dBm, VG = – 0.58 V
2.4
EHT08930
30
OUT
P
D
V
31
32
33
34
35
36
37
38
2.8
3.2
3.6
4
4.4
V
5
dBm
0
10
20
30
40
50
60
70
80
%
PAE
OUT
P
PAE


Similar Part No. - CGY99

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
logo
Infineon Technologies A...
CGY93 INFINEON-CGY93 Datasheet
86Kb / 9P
   GaAs MMIC
03.00
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
More results

Similar Description - CGY99

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FMM5017VF FUJITSU-FMM5017VF Datasheet
91Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY213 INFINEON-CMY213 Datasheet
149Kb / 9P
   GaAs MMIC
2001-01-01
logo
TriQuint Semiconductor
CMH192 TRIQUINT-CMH192 Datasheet
270Kb / 11P
   GaAs MMIC
logo
Fujitsu Component Limit...
FMM5046VF FUJITSU-FMM5046VF Datasheet
112Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CGY353 INFINEON-CGY353 Datasheet
126Kb / 6P
   GaAs MMIC
2001-01-01
logo
Siemens Semiconductor G...
CGY195 SIEMENS-CGY195 Datasheet
31Kb / 3P
   GaAs MMIC
logo
Eudyna Devices Inc
FMM1061VJ EUDYNA-FMM1061VJ Datasheet
107Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY211 INFINEON-CMY211 Datasheet
139Kb / 7P
   GaAs MMIC
2001-01-01
logo
Eudyna Devices Inc
FMM106HG EUDYNA-FMM106HG Datasheet
198Kb / 3P
   GaAs MMIC
FMM1062ML EUDYNA-FMM1062ML Datasheet
219Kb / 4P
   GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com