Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5197ACS Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5197ACS
Description  Single 200MHz Fixed Gain Amplifier with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5197ACS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5197ACS Datasheet HTML 5Page - Intersil Corporation EL5197ACS Datasheet HTML 6Page - Intersil Corporation EL5197ACS Datasheet HTML 7Page - Intersil Corporation EL5197ACS Datasheet HTML 8Page - Intersil Corporation EL5197ACS Datasheet HTML 9Page - Intersil Corporation EL5197ACS Datasheet HTML 10Page - Intersil Corporation EL5197ACS Datasheet HTML 11Page - Intersil Corporation EL5197ACS Datasheet HTML 12Page - Intersil Corporation EL5197ACS Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Typical Performance Curves (Continued)
Enable Response
Disable Response
20ns/div
500mV/div
5V/div
400ns/div
500mV/div
5V/div
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
0.7
0.6
0.5
0.3
0.2
0.1
0
0
50
125
Ambient Temperature (°C)
0.4
25
75 85
-25
-40
-50
100
625mW
391mW
1
0.9
0.7
0.3
0.2
0.1
0
0.5
0.8
0.6
0.4
-50
0
50
75
100
125
-25
25
-40
85
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-7 High Effective Thermal Conductivity
Test Board
Ambient Temperature (°C)
909mW
435mW
θ
JA =2
30°
C/W
SO
T-2
3
θ
JA =
256
°C
/W
SO
T-2
3
EL5197, EL5197A


Similar Part No. - EL5197ACS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5197ACS ELANTEC-EL5197ACS Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197ACS INTERSIL-EL5197ACS Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197ACS-T13 ELANTEC-EL5197ACS-T13 Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197ACS-T13 INTERSIL-EL5197ACS-T13 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197ACS-T7 ELANTEC-EL5197ACS-T7 Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5197ACS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
   Single 200MHz Fixed Gain Amplifier
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com