Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3565M20 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM3565M20
Description  CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3565M20 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM3565M20 Datasheet HTML 1Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 2Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 3Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 4Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 5Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 6Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
www.fairchildsemi.com
FM3565 Rev. A.1
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
CC )
-0.5V to +6.5V
DC Input Voltage (V
I)
-0.5V to +6.5V
Output Voltage (VO)
Outputs 3-stated
-0.5V to +6.5V
Outputs Active (Note 2)
-0.5 to V
CC+0.5V
DC Input Diode Current (I
IK) VI < 0V
-50mA
DC Output Diode Current (IOK)
V
O < 0V
-50mA
V
O > Vcc
+50mA
DC Output Source/Sink Current (I
OH/IOL)
±50mA
DC VCC or Ground Current per
Supply Pin (I
CC or Ground)
±100mA
Storage Temperature Range (TSTG)
-65
°C to +150°C
Recommended Operating Conditions
(Note 3)
Power Supply
3.0V to 5.5V
Input Voltage
-0.3V to 5.5V
Output Voltage (V
O)
0V to V
CC
Output Current I
OL
3mA
Free Air Operating Temperature(TA)
-0
°C to +70°C
Minimum Input Edge Rate (dt/dv)
VIN = 0.8V to 2.0V, VCC = 3.0V
10ns/V
Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The
parametric values defined in the “Electrical Characteristics” table are not guaranteed at the Absolute Maximum Ratings. The “Recommended Operating Conditions” table will
define the conditions for actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
Note 3: Floating or unused pins (inputs or I/O’s) must be held HIGH or LOW.
DC Electrical Characteristics (4.5V < V
CC 5.5V unless stated otherwise)
Symbol
Parameter
Conditions
Min
Max
Units
V
IH
High Level Input Voltage
V
CC x 0.7
V
V
IL
Low Level Input Voltage
V
CC x 0.3
V
V
OL
Low Level Output Voltage
I
OL = 100µA
0.2
V
IOL = 3mA
0.4
I
IR
Input Leakage Current
V
I=VIL, VCC = 5.5V
-10
+10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
300
975
µA
V
CC ≤ (VI, VO) ≤ 3.6V
DC Electrical Characteristics Extended (3.0V
V
CC 5.5V unless stated otherwise)
Symbol
Parameter
Conditions
Min
Max
Units
VIH
High Level Input Voltage
VCC x 0.7
V
V
IL
Low Level Input Voltage
V
CC x 0.3
V
VOL
Low Level Output Voltage
IOL = 100µA
0.2
V
I
OL = 3mA
0.4
V
OH
Output High Voltage
Fixed output mode, ('S' grade
2.3
2.5
V
samples, or FM3560 with
LEVEL input = logical ‘0’) 1
TTL load, 50pF capacitance
I
IR
Input Leakage Current
V
I=VIL, VCC = 5.5V
-10
+10
µA
I
CC
Quiescent Supply Current
V
CC ≤ (VI, VO) ≤ 3.6V
300
975
µA


Similar Part No. - FM3565M20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM3560M20 FAIRCHILD-FM3560M20 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
FM3560MT20 FAIRCHILD-FM3560MT20 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
More results

Similar Description - FM3565M20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM3570 FAIRCHILD-FM3570 Datasheet
93Kb / 8P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
253Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
logo
ON Semiconductor
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com