Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5197ACSZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5197ACSZ-T7
Description  Single 200MHz Fixed Gain Amplifier with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5197ACSZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5197ACSZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5197ACSZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5197ACSZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5197ACSZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5197ACSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5197ACSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5197ACSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5197ACSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5197ACSZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN7184.1
EL5197, EL5197A
Single 200MHz Fixed Gain Amplifier with
Enable
The EL5197 and EL5197A are fixed gain amplifiers with a
bandwidth of 200MHz, making these amplifiers ideal for
today’s high speed video and monitor applications. These
amplifiers feature internal gain setting resistors and can be
configured in a gain of +1, -1 or +2. The same bandwidth is
seen in both gain-of-1 and gain-of-2 applications.
With a supply current of just 4mA and the ability to run from
a single supply voltage from 5V to 10V, these amplifiers are
also ideal for hand held, portable or battery powered
equipment.
The EL5197A also incorporates an enable and disable
function to reduce the supply current to 100µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
The EL5197 is offered in the 5-pin SOT-23 package and the
EL5197A is available in the 6-pin SOT-23 as well as the
industry-standard 8-pin SO packages. Both operate over the
industrial temperature range of -40°C to +85°C.
Features
• Gain selectable (+1, -1, +2)
• 200MHz -3dB BW (AV = 1, 2)
• 4mA supply current
• Fast enable/disable (EL5197A only)
• Single and dual supply operation, from 5V to 10V or ±2.5V
to ±5V
• Available in SOT-23 packages
• Triple (EL5397) available
• 400MHz, 9mA products available (EL5197 & EL5396)
Pb-Free plus anneal available (RoHS compliant)
Applications
• Battery powered equipment
• Hand held, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Pinouts
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL5197CW-T7
5-Pin SOT-23*
7” (3K pcs)
MDP0038
EL5197CW-T7A
5-Pin SOT-23*
7” (250 pcs)
MDP0038
EL5197ACW-T7
6-Pin SOT-23*
7”
MDP0038
EL5197ACS
8-Pin SO
-
MDP0027
EL5197ACS-T7
8-Pin SO
7”
MDP0027
EL5197ACS-T13
8-Pin SO
13”
MDP0027
EL5197ACSZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL5197ACSZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL5197ACSZ-T13
(See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
*EL5197CW & EL5197ACW symbol is .Sxxx where xxx represents
date code
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
1
2
3
4
8
7
6
5
EL5197A
(8-PIN SO)
TOP VIEW
1
2
3
5
4
EL5197
(5-PIN SOT-23)
TOP VIEW
1
2
3
6
4
EL5197A
(6-PIN SOT-23)
TOP VIEW
-
+
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
OUT
VS-
IN+
VS+
IN-
-
+
OUT
VS-
IN+
VS+
IN-
5CE
Data Sheet
August 3, 2005
NOT
REC
OMM
END
ED F
OR N
EW
DES
IGNS
SEE
EL5
106,
EL5
108
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5197ACSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5197ACSZ-T7 INTERSIL-EL5197ACSZ-T7 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5197ACSZ-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
   Single 200MHz Fixed Gain Amplifier
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com