Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3565M20X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FM3565M20X
Description  CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3565M20X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM3565M20X Datasheet HTML 1Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 2Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 3Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 4Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 5Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 6Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
www.fairchildsemi.com
FM3565 Rev. A.1
Functional Description
The FM3565 block diagram is shown in Figure 1.
Operational Modes
During standard operation, the device will pass data to the Y-Port
either from the I-Port or from one of the internally stored Non-
Volatile Register values.
The I-port values are generated from the motherboard of the
system and may be hardwired or driven by another device. Pull-
up resistors are provided on the device to accommodate this
device being driven by open-drain output drivers. The device
expects standard CMOS input signals. The outputs (Y0-Y4)
operate in the open-drain mode. The OVRD (override) input, when
set to 0, will cause all the outputs to be set to 0. The WP signal, if
set to logic 1, will prevent data from being written to the non-volatile
register.
The functioning of this device is described by the truth table in
Table 1.
Output Port: Y0-Y4
The output port is an open-drain output to allow for easy connec-
tion to devices running at different voltage levels. The port is
always active and either passes the value on the I-Port or data
from one of the internal non-volatile registers (SOPRA/B). Chang-
ing the Mux Path is accomplished using the external hardware
controls – OVRD, MUXSEL, and A/B.
Register Description
The FM3550/60 has 3 registers in total. These registers are made
up of a combination of read-only, write-only and read/write bits.
The two registers are listed below.
Serial Output Port Register A(SOPRA) Address: 00H - A read/
write register that contains the new value of SOPRA.
Serial Output Port Register B(SOPRB) Address: 01H - A read/
write register that contains the new value for SOPRB.
Parallel Input Port Register (PIPR) Address: 02H - A read-only
register that is loaded with the 5-bit value of the I-Port.
Serial Output Port Register (SOPR)
(Address 000b and 001b)
MXSB MXSA
Data Field
0
0
I5
0
I3I2I1
I0
b7
b6
b5
b4
b3
b2
B1
b0
b7-b6 - Multiplexer Select Bits (MXSB,MXSA)
00 - Multiplexer passes the SOPR(A).
01 - Multiplexer passer the SOPR(B).
10 - Multiplexer defaults to passing the I-Port Value.
b5, b3-b0 - Data Field. New value to be output through the
multiplexer.
Parallel Input Port Register (PIPR)
(Address 002b)
Address Field
Data Field
0
0
0
I4
I3I2I1
I0
b7
b6
b5
b4
b3
b2
B1
b0
b7-b5 - Address field. Value is always 000
b4-b0 - Data Field. Value is equal to the value on the I-Port.
The external Port Register captures the value on the I-Port. Data
is latched into this register on the first clock after a start condition
is seen. This insures that a valid value will always be in this register
if it is read. This register is a-read only register with respect to the
IIC port.


Similar Part No. - FM3565M20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM3560M20 FAIRCHILD-FM3560M20 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
FM3560MT20 FAIRCHILD-FM3560MT20 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
More results

Similar Description - FM3565M20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM3570 FAIRCHILD-FM3570 Datasheet
93Kb / 8P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
253Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
logo
ON Semiconductor
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com