Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3565M20X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FM3565M20X
Description  CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3565M20X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FM3565M20X Datasheet HTML 1Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 2Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 3Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 4Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 5Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 6Page - Fairchild Semiconductor FM3565M20X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.fairchildsemi.com
www.fairchildsemi.com
FM3565 Rev. A.1
FM3565
CPU CONFIGURATION CONTROLLER
Register/Multiplexer for Microprocessor VID
General Description
The Fairchild FM3565 replaces the PC motherboard’s CPU
configuration switches with an electronic implementation, consist-
ing of a 5-bit multiplexed port, standard 2-wire bus interface, and
non-volatile latches with external hardware control.
The FM3565 multiplexes the I-port input signals with two internal
non-volatile registers that can be loaded through the serial port.
The multiplexer output is under hardware control, and is deter-
mined by the inputs OVRD, MUXSEL, and A/B. Pull-up resistors
are provided on the input port to accommodate connections to
open drain outputs and to eliminate the need for external resistors.
The device has open-drain outputs for easy interface to devices
with different V
DD Levels.
Block Diagram
Preliminary
March 2001
SOPRA
SOPRB
IIC
Interface
Start/Stop
Logic
Shift
Register
Slave Address
Register
Comparator
Control Logic
Mux3
Mux2
Y [4:0]
I [4:0]
IIC Read Logic
SDA
SCL
ASEL
OVRD
MUXSEL
A/B
MXSB, MXSA
Mux1
The serial port is an IIC compatible slave-only interface and
supports both 100kbit and 400kbit modes of operation. The port
is used to read the I-Port and to write data to the internal non-
volatile registers. The FM3565 is fabricated with advanced CMOS
technology to achieve high density and low power operation.
Features
I Extended Operating Voltage Range 3.0V-5.5V
I IIC Compatible Slave Interface.
I ESD performance: Human body model > 2000V
I Open-Drain Outputs
© 2001 Fairchild Semiconductor Corporation


Similar Part No. - FM3565M20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM3560M20 FAIRCHILD-FM3560M20 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
FM3560MT20 FAIRCHILD-FM3560MT20 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
More results

Similar Description - FM3565M20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM3570 FAIRCHILD-FM3570 Datasheet
93Kb / 8P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
253Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
logo
ON Semiconductor
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com