Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFX50N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX50N50
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX50N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX50N50 Datasheet HTML 1Page - IXYS Corporation IXFX50N50 Datasheet HTML 2Page - IXYS Corporation IXFX50N50 Datasheet HTML 3Page - IXYS Corporation IXFX50N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
50N50
50
A
55N50
55
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
50N50
200
A
55N50
220
A
I
AR
T
C
= 25
°C
50N50
50
A
55N50
55
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C3
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C
= 25
°C
520
W
T
J
-55 ... +150
° C
T
JM
150
°C
T
stg
-55 ... +150
° C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1mA
500
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
4.5
V
I
GSS
V
GS = ±20 V, VDS = 0
±200 nA
I
DSS
V
DS =
V
DSS
T
J =
25
°C25 µA
V
GS = 0 V
T
J = 125 °C2
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5
I
D25
50N50
100
m
Note 1
55N50
80
m
Single Die MOSFET
Features
l International standard package
l Low R
DS (on) HDMOS
TM process
l Rugged polysilicon gate cell structure
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
l Fast intrinsic rectifier
Applications
l DC-DC converters
l Battery chargers
l Switched-mode and resonant-mode
power supplies
l DC choppers
l AC motor control
l Temperature and lighting controls
Advantages
l PLUS 247TM package for clip or spring
mounting
l Space savings
l High power density
V
DSS
I
D25
R
DS(on)
IXFX 50N50
500 V 50 A 100 m
IXFX 55N50
500 V 55 A
80 m
t
rr
≤≤≤≤ 250 ns
HiPerFETTM
Power MOSFETs
98507D (04/02)
PLUS 247TM
(IXFX)
G
D
D (TAB)
Preliminary data sheet


Similar Part No. - IXFX50N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFX50N50 ISC-IXFX50N50 Datasheet
366Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFX50N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com