Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4002EDD-4.2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4002EDD-4.2
Description  Standalone Li-Ion Switch Mode Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002EDD-4.2 Datasheet(HTML) 4 Page - Linear Technology

  LTC4002EDD-4.2 Datasheet HTML 1Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 2Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 3Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 4Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 5Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 6Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 7Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 8Page - Linear Technology LTC4002EDD-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4002-4.2
4
400242i
Oscillator Frequency vs VCC
Current Mode Sense Voltage
vs Temperature
Trickle Charge Voltage
vs Temperature
Trickle Charge Voltage
vs VCC
VCC (V)
5
500
25
400242 G04
490
10
15
20
510
TEMPERATURE (
°C)
–50
25
400242 G05
100
–25
0
50
96
104
75
100
125
VBAT = 4V
Current Mode Sense Voltage
vs VCC
VCC (V)
5
100
25
400242 G04
98
10
15
20
102
VBAT = 4V
TEMPERATURE (
°C)
–50
25
400242 G07
2.9
–25
0
50
2.8
3.0
75
100
125
VCC (V)
5
2.9
25
400242 G08
2.8
10
15
20
3.0
VBAT = 4V
CHRG Pin Output Low Voltage
vs VCC
CHRG Pin Output Low Voltage
vs Temperature
VCC (V)
5
140
25
400242 G09
130
10
15
20
150
ILOAD = 1mA
TEMPERATURE (
°C)
–50
25
400242 G10
140
–25
0
50
100
180
75
100
125
ILOAD = 1mA
CHRG Pin Weak Pull-Down
Current vs Temperature
CHRG Output Pin Weak Pull-Down
Current vs VCC
TEMPERATURE (
°C)
–50
25
400242 G23
25
–25
0
50
21
29
75
100
125
VCHRG = 8V
VCC (V)
5
22
25
28
10
15
20
25
400242 G11
VCHRG = 8V
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C, VCC = 10V unless otherwise noted.


Similar Part No. - LTC4002EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002EDD-4.2 LINER-LTC4002EDD-4.2 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
More results

Similar Description - LTC4002EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com