Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZ5C3 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HZ5C3
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZ5C3 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  HZ5C3 Datasheet HTML 1Page - Hitachi Semiconductor HZ5C3 Datasheet HTML 2Page - Hitachi Semiconductor HZ5C3 Datasheet HTML 3Page - Hitachi Semiconductor HZ5C3 Datasheet HTML 4Page - Hitachi Semiconductor HZ5C3 Datasheet HTML 5Page - Hitachi Semiconductor HZ5C3 Datasheet HTML 6Page - Hitachi Semiconductor HZ5C3 Datasheet HTML 7Page - Hitachi Semiconductor HZ5C3 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HZ Series
Rev.2, Nov. 1999, page 6 of 8
Main Characteristic
Zener Voltage V
Z (V)
5
10
15
20
25
30
35
40
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
0
Fig.1 Zener current Vs. Zener voltage
05
10
15 20 25 30 35 40
50
40
30
20
10
0
-10
-20
-30
-40
-50
0.10
0.08
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
-0.08
-0.10
%/
°C
mV/
°C
500
400
300
200
100
200
150
100
50
0
Ambient Temperature Ta (
°C)
0
2.5 mm
3 mm
Printed circuit board
100 180 1.6t mm
Quality: paper phenol
×
×
5mm
Fig.2 Temperature Coefficient Vs. Zener voltage
Fig.3 Power Dissipation Vs. Ambient Temperature
Zener Voltage V (V)
Z


Similar Part No. - HZ5C3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ5C3 RENESAS-HZ5C3 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
logo
SEMTECH ELECTRONICS LTD...
HZ5C3 SEMTECH_ELEC-HZ5C3 Datasheet
261Kb / 4P
   SILICON EPITAXIAL PLANER ZENER DIODES
logo
GUANGDONG HOTTECH INDUS...
HZ5C3 HOTTECH-HZ5C3 Datasheet
385Kb / 4P
   Glass-Encapsulate Diodes
More results

Similar Description - HZ5C3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com