Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4275DTRK Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV4275DTRK
Description  5.0 V Low-Drop Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4275DTRK Datasheet(HTML) 2 Page - ON Semiconductor

  NCV4275DTRK Datasheet HTML 1Page - ON Semiconductor NCV4275DTRK Datasheet HTML 2Page - ON Semiconductor NCV4275DTRK Datasheet HTML 3Page - ON Semiconductor NCV4275DTRK Datasheet HTML 4Page - ON Semiconductor NCV4275DTRK Datasheet HTML 5Page - ON Semiconductor NCV4275DTRK Datasheet HTML 6Page - ON Semiconductor NCV4275DTRK Datasheet HTML 7Page - ON Semiconductor NCV4275DTRK Datasheet HTML 8Page - ON Semiconductor NCV4275DTRK Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCV4275
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Symbol
Description
1
I
Input; Battery Supply Input Voltage. Bypass to ground with a ceramic capacitor.
2
RO
Reset Output; Open Collector Active Reset (accurate when I > 1.0 V).
3
GND
Ground; Pin 3 internally connected to tab.
4
D
Reset Delay; timing capacitor to GND for Reset Delay function.
5
Q
Output;
±2.0%, 450 mA output. Use 22 mF, ESR < 5.0 Ω to ground.
MAXIMUM RATINGS†
Rating
Min
Max
Unit
Input [I (DC)]
−42
45
V
Input [I (Peak Transient Voltage)]
45
V
Output (Q)
−1.0
16
V
Reset Output (RO)
−0.3
25
V
Reset Output (RO)
−5.0
5.0
mA
Reset Delay (D)
−0.3
7.0
V
Reset Delay (D)
−2.0
2.0
mA
Operating Range (I)
5.5
42
V
ESD Susceptibility (Human Body Model)
2.0
kV
Junction Temperature
−40
150
°C
Storage Temperature
−55
150
°C
Lead Temperature Soldering
Reflow (SMD styles only) Note 1
Wave Solder (through hole styles only) Note 2
240 Peak
(Note 3)
260 Peak
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Parameter
Test Conditions (Typical Value)
Unit
DPAK 5−PIN PACKAGE
Min Pad Board (Note 4)
1
″ Pad Board (Note 5)
Junction−to−Tab (psi−JLx,
yJLx)
4.2
4.7
C/W
Junction−to−Ambient (RqJA, qJA)
100.9
46.8
C/W
D2PAK 5−PIN PACKAGE
0.4 sq. in. Spreader Board (Note 6)
1.2 sq. in. Spreader Board (Note 7)
Junction−to−Tab (psi−JLx,
yJLx)
3.8
4.0
C/W
Junction−to−Ambient (RqJA, qJA)
74.8
41.6
C/W
1. 60 seconds max above 183
°C.
2. 10 seconds max.
3. −5
°C/+0°C allowable conditions.
4. 1 oz. copper, 0.26 inch2 (168 mm2) copper area, 0.62
″ thick FR4.
5. 1 oz. copper, 1.14 inch2 (736 mm2) copper area, 0.62
″ thick FR4.
6. 1 oz. copper, 0.373 inch2 (241 mm2) copper area, 0.62
″ thick FR4.
7. 1 oz. copper, 1.222 inch2 (788 mm2) copper area, 0.62
″ thick FR4.
†During the voltage range which exceeds the maximum tested voltage of I, operation is assured, but not specified. Wider limits may apply. Thermal
dissipation must be observed closely.


Similar Part No. - NCV4275DTRK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4275 ONSEMI-NCV4275 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
NCV4275A ONSEMI-NCV4275A Datasheet
126Kb / 19P
   Low-Dropout Voltage Regulator
October, 2014 ??Rev. 4
NCV4275ADS33G ONSEMI-NCV4275ADS33G Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
NCV4275ADS33G ONSEMI-NCV4275ADS33G Datasheet
126Kb / 19P
   Low-Dropout Voltage Regulator
October, 2014 ??Rev. 4
More results

Similar Description - NCV4275DTRK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_08 Datasheet
225Kb / 12P
   Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
Rev. 1.1, 2008-01-28
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
   Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
TLE4295 INFINEON-TLE4295_08 Datasheet
177Kb / 10P
   Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
Rev. 1.4, 2008-04-21
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com