Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4275DSR4 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV4275DSR4
Description  5.0 V Low-Drop Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4275DSR4 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV4275DSR4 Datasheet HTML 3Page - ON Semiconductor NCV4275DSR4 Datasheet HTML 4Page - ON Semiconductor NCV4275DSR4 Datasheet HTML 5Page - ON Semiconductor NCV4275DSR4 Datasheet HTML 6Page - ON Semiconductor NCV4275DSR4 Datasheet HTML 7Page - ON Semiconductor NCV4275DSR4 Datasheet HTML 8Page - ON Semiconductor NCV4275DSR4 Datasheet HTML 9Page - ON Semiconductor NCV4275DSR4 Datasheet HTML 10Page - ON Semiconductor NCV4275DSR4 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCV4275
http://onsemi.com
7
Table 2. D2PAK 5−Lead Thermal RC Network Models
Drain Copper Area (1 oz thick)
241 mm2
788 mm2
241 mm2
788 mm2
(SPICE Deck Format)
Cauer Network
Foster Network
241 mm2
653 mm2
Units
Tau
Tau
Units
C_C1
Junction
Gnd
1.00E−06
1.00E−06
W−s/C
1.361E−08
1.361E−08
sec
C_C2
node1
Gnd
1.00E−05
1.00E−05
W−s/C
7.411E−07
7.411E−07
sec
C_C3
node2
Gnd
6.00E−05
6.00E−05
W−s/C
1.005E−05
1.007E−05
sec
C_C4
node3
Gnd
1.00E−04
1.00E−04
W−s/C
3.460E−05
3.480E−05
sec
C_C5
node4
Gnd
2.82E−04
2.87E−04
W−s/C
7.868E−04
8.107E−04
sec
C_C6
node5
Gnd
5.58E−03
5.95E−03
W−s/C
7.431E−03
7.830E−03
sec
C_C7
node6
Gnd
4.25E−01
4.61E−01
W−s/C
2.786E+00
2.012E+00
sec
C_C8
node7
Gnd
9.22E−01
2.05
W−s/C
2.014E+01
2.601E+01
sec
C_C9
node8
Gnd
1.73
4.88
W−s/C
1.134E+02
1.218E+02
sec
C_C10
node9
Gnd
7.12
1.31
W−s/C
sec
241 mm2
653 mm2
R’s
R’s
R_R1
Junction
node1
0.015
0.0150
C/W
0.0123
0.0123
C/W
R_R2
node1
node2
0.08
0.0800
C/W
0.0585
0.0585
C/W
R_R3
node2
node3
0.4
0.4000
C/W
0.0257
0.0260
C/W
R_R4
node3
node4
0.2
0.2000
C/W
0.3413
0.3438
C/W
R_R5
node4
node5
1.85638
1.8839
C/W
1.77
1.81
C/W
R_R6
node5
node6
1.23672
1.2272
C/W
1.54
1.52
C/W
R_R7
node6
node7
9.81541
5.3383
C/W
4.13
3.46
C/W
R_R8
node7
node8
33.1868
18.9591
C/W
6.27
5.03
C/W
R_R9
node8
node9
27.0263
13.3369
C/W
60.80
29.30
C/W
R_R10
node9
gnd
1.13944
0.1191
C/W
C/W
NOTE:
Bold face items represent the package without the external thermal system.
The Cauer networks generally have physical significance and may be divided between nodes to separate thermal behavior
due to one portion of the network from another. The Foster networks, though when sorted by time constant (as above) bear
a rough correlation with the Cauer networks, are really only convenient mathematical models. Cauer networks can be easily
implemented using circuit simulating tools, whereas Foster networks may be more easily implemented using mathematical
tools (for instance, in a spreadsheet program), according to the following formula:
R(t)
+
n
S
i
+ 1
Ri 1−e
−t taui


Similar Part No. - NCV4275DSR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4275 ONSEMI-NCV4275 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
NCV4275A ONSEMI-NCV4275A Datasheet
126Kb / 19P
   Low-Dropout Voltage Regulator
October, 2014 ??Rev. 4
NCV4275ADS33G ONSEMI-NCV4275ADS33G Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
NCV4275ADS33G ONSEMI-NCV4275ADS33G Datasheet
126Kb / 19P
   Low-Dropout Voltage Regulator
October, 2014 ??Rev. 4
More results

Similar Description - NCV4275DSR4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_08 Datasheet
225Kb / 12P
   Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
Rev. 1.1, 2008-01-28
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
   Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
TLE4295 INFINEON-TLE4295_08 Datasheet
177Kb / 10P
   Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
Rev. 1.4, 2008-04-21
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com