Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDL02-24S19 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDL02-24S19
Description  2 WATTS DC -DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PDL02-24S19 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDL02-24S19 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDL02-24S19 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output Current
Model
Number
Input
Range
Output
Voltage
Min Load
Full Load
Input
Current
(5)
Eff
(6)
(%)
Capacitor
(7)
Load max
PDL02-05S33
4.5 – 9 VDC
3.3 VDC
125mA
500mA
540mA
65
2200uF
PDL02-05S05
4.5 – 9 VDC
5 VDC
100mA
400mA
645mA
66
1000uF
PDL02-05S09
4.5 – 9 VDC
9 VDC
55mA
222mA
596mA
71
470uF
PDL02-05S12
4.5 – 9 VDC
12 VDC
42mA
167mA
598mA
71
170uF
PDL02-05S15
4.5 – 9 VDC
15 VDC
33mA
134mA
582mA
73
110uF
PDL02-12S33
9 – 18 VDC
3.3 VDC
125mA
500mA
208mA
70
2200uF
PDL02-12S05
9 – 18 VDC
5 VDC
100mA
400mA
234mA
75
1000uF
PDL02-12S09
9 – 18 VDC
9 VDC
55mA
222mA
222mA
79
470uF
PDL02-12S12
9 – 18 VDC
12 VDC
42mA
167mA
219mA
80
170uF
PDL02-12S15
9 – 18 VDC
15 VDC
33mA
134mA
220mA
80
110uF
PDL02-24S33
18 – 36 VDC
3.3 VDC
125mA
500mA
102mA
71
2200uF
PDL02-24S05
18 – 36 VDC
5 VDC
100mA
400mA
115mA
76
1000uF
PDL02-24S19
18 – 36 VDC
9 VDC
55mA
222mA
109mA
80
470uF
PDL02-24S12
18 – 36 VDC
12 VDC
42mA
167mA
109mA
80
170uF
PDL02-24S15
18 – 36 VDC
15 VDC
33mA
134mA
108mA
81
110uF
PDL02-48S33
36 – 75 VDC
3.3 VDC
125mA
500mA
52mA
70
2200uF
PDL02-48S05
36 – 75 VDC
5 VDC
100mA
400mA
60mA
73
1000uF
PDL02-48S09
36 – 75 VDC
9 VDC
55mA
222mA
56mA
78
470uF
PDL02-48S12
36 – 75 VDC
12 VDC
42mA
167mA
55mA
79
170uF
PDL02-48S15
36 – 75 VDC
15 VDC
33mA
134mA
55mA
79
110uF
Note
1.
The PDL02 series required a minimum 25% loading on the output to maintain
specified regulation. Operation under no-load condition will not damage these
devices, however they may not meet all listed specification.
2.
It is no damage on the device without external input capacitor. There is smaller
reflected ripple current when put a capacitor at input. The capacitor recommended
use “CHEMICON” LXZ series or equivalent for 05 & 12Vin.
use “CHEMICON” KMF series or equivalent for 24 & 48Vin.
3.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground
fixed and controlled environment).
4.
The PDL02 series cannot meet EN55022 classes A if there is no filter at input. The
filter capacitor recommended is same as note2.
5.
Maximum value at nominal input voltage and full load.
6.
Typical value at nominal input voltage and full load.
7.
Test by minimum Vin and constant resistor load.
PIN CONNECTION
PIN
DEFINE
1
- INPUT
2
+ INPUT
3
CTRL
5
NC
6
+ OUTPUT
7
- OUTPUT
8
NC
50
55
60
65
70
75
36
45
40
50
55
INPUT VOLTAGE (V)
PDL02-48S33
Efficiency VS Input voltage
72
71
70
69
68
67
66
65
60
0.3
0.4
0.5
0.1
0.2
50
55
OUTPUT LOAD (A)
PDL02-48S33
Efficiency VS Output load
72
71
70
69
68
67
66
65
60
.0.01
(0.32)
Rectangular pin
0.08
(2.01)±0.5
0.16
(4.10)±0.5
0.02
(0.50)±0.05
0.44
(11.10)
1
2
3
5
6 7
8
0.10(2
.54)
0.36
(9.20)
0.86(21.80)
0.13
(3.20)
BOTTOM VIEW
FRONT VIEW
1. ALL DIMENSIONS IN INCHES(mm)
2PIN PITCH TOLERANCE
I002(05)
0.02
(0.50)
0.70(17.78)
50
60
70
80
90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
Derating Curve
PDL02-48S33
Nature convection


Similar Part No. - PDL02-24S19

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02-24S12 P-DUKE-PDL02-24S12 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL02-24S12 P-DUKE-PDL02-24S12 Datasheet
335Kb / 4P
   DC-DC CONVERTER
PDL02-24S12 P-DUKE-PDL02-24S12 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL02-24S15 P-DUKE-PDL02-24S15 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL02-24S15 P-DUKE-PDL02-24S15 Datasheet
335Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - PDL02-24S19

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
RDH600 XPPOWER-RDH600 Datasheet
684Kb / 6P
   DC-DC Converter 600 Watts
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
   10 WATTS DC-DC CONVERTER
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com