Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9939DY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI9939DY
Description  Complimentary 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9939DY Datasheet(HTML) 6 Page - Vishay Siliconix

  SI9939DY Datasheet HTML 1Page - Vishay Siliconix SI9939DY Datasheet HTML 2Page - Vishay Siliconix SI9939DY Datasheet HTML 3Page - Vishay Siliconix SI9939DY Datasheet HTML 4Page - Vishay Siliconix SI9939DY Datasheet HTML 5Page - Vishay Siliconix SI9939DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Si9939DY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
6
Document Number: 70146
S-00652—Rev. G, 27-Mar-00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
PCHANNEL
0
8
16
24
32
40
0.01
0.1
110
30
Single Pulse Power
Time (sec)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
TJ – Temperature (_C)
0.4
1
10
20
0.8
1.0
0.6
1.4
0.2
TJ = 150_C
TJ = 25_C
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–50
0
50
100
150
ID = 250 µA
0
0.1
0.2
0.3
0.4
0.5
02468
10
ID = 3.5 A
2
1
0.1
0.01
10–4
10–3
10–2
10–1
110
30
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 62.5_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1.2


Similar Part No. - SI9939DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9933ADY VISHAY-SI9933ADY Datasheet
48Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 27-Mar-00
logo
Fairchild Semiconductor
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
SI9933ADY-T1-E3 VBSEMI-SI9933ADY-T1-E3 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY Datasheet
99Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI9933BDY VISHAY-SI9933BDY Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
More results

Similar Description - SI9939DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9942DY VISHAY-SI9942DY Datasheet
77Kb / 6P
   Complimentary 20-V (D-S) MOSFET
Rev. L, 27-Mar-00
SI9928DY VISHAY-SI9928DY Datasheet
93Kb / 6P
   Complimentary 20-V (D-S) MOSFET
Rev. G, 27-Mar-00
SI9942DY-T1 VISHAY-SI9942DY-T1 Datasheet
107Kb / 7P
   Complimentary 20-V (D-S) MOSFET
Rev. L, 27-Mar-00
SI5504DC VISHAY-SI5504DC Datasheet
65Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 05-Aug-02
SI1539DL VISHAY-SI1539DL Datasheet
67Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 12-Aug-02
logo
Guangdong Kexin Industr...
KI1539DL KEXIN-KI1539DL Datasheet
55Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL_08 Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
SI7501DN-T1-E3 VISHAY-SI7501DN-T1-E3 Datasheet
565Kb / 15P
   Complementary 30-V (D-S) MOSFET
Rev. D, 07-Jul-08
SI5504DC VISHAY-SI5504DC_V01 Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
SI7501DN VISHAY-SI7501DN Datasheet
120Kb / 9P
   Complementary 30-V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com