Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI91842DT-18-T1 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI91842DT-18-T1
Description  150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91842DT-18-T1 Datasheet(HTML) 9 Page - Vishay Siliconix

  SI91842DT-18-T1 Datasheet HTML 1Page - Vishay Siliconix SI91842DT-18-T1 Datasheet HTML 2Page - Vishay Siliconix SI91842DT-18-T1 Datasheet HTML 3Page - Vishay Siliconix SI91842DT-18-T1 Datasheet HTML 4Page - Vishay Siliconix SI91842DT-18-T1 Datasheet HTML 5Page - Vishay Siliconix SI91842DT-18-T1 Datasheet HTML 6Page - Vishay Siliconix SI91842DT-18-T1 Datasheet HTML 7Page - Vishay Siliconix SI91842DT-18-T1 Datasheet HTML 8Page - Vishay Siliconix SI91842DT-18-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Si91842/4
Vishay Siliconix
New Product
Document Number: 71732
S-20478—Rev. C, 01-Apr-02
www.vishay.com
9
BLOCK DIAGRAM
Si91842/4
VIN
Reference
+
Thermal
Sensor
Shutdown
Control
GND
ERROR
VOUT
Reverse Polarity
Protection
Current
Limit
SD
Si91842
Only
DETAILED DESCRIPTION
The Si91842/4 is a low-noise, low drop-out and low quiescent
current linear voltage regulator, packaged in a small footprint
SOT23-5 package. The Si91842/4 can supply loads up to
300 mA. As shown in the block diagram, the circuit consists of
a bandgap reference, error amplifier, p-channel pass transistor
and feedback resistor string. Additional blocks, not shown in
the block diagram, include a precise current limiter, reverse
battery and current protection, and thermal sensor.
Thermal Overload Protection
The thermal overload protection limits the total power
dissipation and protects the device from being damaged.
When the junction temperature exceeds 150
_, the device
turns the p-channel pass transistor off.
Reverse Battery Protection
The Si91842/4 has a battery reverse protection circuitry that
disconnects the internal circuitry when VIN drops below the
GND voltage. There is no current drawn in such an event.
When the SD pin is hardwired to VIN, the user must connect
the SD pin to VIN via a 100-kW resistor if reverse battery
protection is desired. Hardwiring the SD pin directly to the VIN
pin is allowed when reverse battery protection is not desired.
ERROR
ERROR is an open drain output that goes low when VOUT is
less than 4% of its normal value. To obtain a logic level output,
connect a pull-up resister from ERROR to VOUT or any other
voltage equal to or less than VIN.
ERROR pin is high
impedance (off) when SD pin is low.
Auto-Discharge/No-Discharge
VOUT has an internal 100-W (typ.) discharge path to ground
when SD pin is low for the Si91842. the Si91844 does not have
a discharge path when the SD pin is low.
Stability
The circuit is stable with only a small output capacitor equal to
6 nF/mA (= 1
mF @ 150 mA). Since the bandwidth of the error
amplifier is around 1–3 MHz and the dominant pole is at the
output node, the capacitor should be capacitive in this range,
i.e., for 150-mA load current, an ESR <0.4
W is necessary.
Parasitic inductance of about 10 nH can be tolerated.


Similar Part No. - SI91842DT-18-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-18-T1 VISHAY-SI91841DT-18-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-20-T1 VISHAY-SI91841DT-20-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-22-T1 VISHAY-SI91841DT-22-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-25-T1 VISHAY-SI91841DT-25-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
More results

Similar Description - SI91842DT-18-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com