Selected language     English  â–¼


SMAJ7.0A Datasheet(PDF) 3 Page - Diodes Incorporated

Part No. SMAJ7.0A
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 3 page
background image
DS19005 Rev. 10 - 2
3 of 4
SMAJ5.0(C)A - SMAJ170(C)A
www.diodes.com
10
100
1000
10000
1
10
100
1000
V
, STANDOFF VOLTAGE (V)
WM
Fig.2 Typical Total Capacitance
T = 25
°C
j
Unidirectional
Bidirectional
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Pulse Derating Curve
01
2
3
100
50
0
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 4 Pulse Waveform
0.1
1.0
0.1
10
100
1.0
10
1000
10000
T= 25
°C
j
100
Non Repetitive
Pulse Waveform
ShowninFig. 4
0.0
0.2
0.4
0.6
025
50
75
100
125
150
175
200
T , LEAD TEMPERATURE (
°C)
L
Fig. 6 Steady State Power Derating Curve
0.8
1.0
60Hz Resistive or
Inductive Load
0
60
50
40
30
20
10
2
5
10
NUMBER OF CYCLES AT 60Hz
Fig. 5 Maximum Non-Repetitive Surge Current
20
50
100
1
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMAJ50CA400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Diodes Incorporated
SMAT70A400W 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Diodes Incorporated
P6SMBJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts   1 2 3 4 Surge Components
STBP06ISURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 EIC discrete Semiconductors
TFMBG150ASURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 1.0 WATT STEADY STATE 1 2 3 Rectron Semiconductor
SMBG28CASURFACE MOUNT 600 Watt Transient Voltage Suppressor 1 2 3 4 Microsemi Corporation
PJ66K48APOWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Pan Jit International Inc.
SMDJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power 1 2 3 4 List of Unclassifed Manufacturers
STUK06ISURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 EIC discrete Semiconductors
1.5KE1500W Surface Mount Transient Voltage Suppressor 1 2 3 4 Weitron Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl