Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS528 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS528
Description  FUSE-PROGRAMMABLE IDENTITY COMPARATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS528 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS528 Datasheet HTML 1Page - Texas Instruments SN74ALS528 Datasheet HTML 2Page - Texas Instruments SN74ALS528 Datasheet HTML 3Page - Texas Instruments SN74ALS528 Datasheet HTML 4Page - Texas Instruments SN74ALS528 Datasheet HTML 5Page - Texas Instruments SN74ALS528 Datasheet HTML 6Page - Texas Instruments SN74ALS528 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SN54ALS526, SN54ALS527, SN54ALS528
SN74ALS526, SN74ALS527, SN74ALS528
FUSE-PROGRAMMABLE IDENTITY COMPARATORS
SDAS051A – JUNE 1984–REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2
description
The ’ALS526 and ’ALS528 are fuse-programmable identity comparators designed for easy programming in
fixed-comparator applications. The ’ALS526 compares a 16-bit data word against a preprogrammed 16-bit data
word while the ’ALS528 compares a 12-bit data word against a preprogrammed 12-bit data word. The P = Q
output will go low when the applied data word (P inputs) matches the preprogrammed data word (Q represents
the preprogrammed data word). Programming is easily accomplished on the bench or with conventional
automatic test equipment. Special equipment such as PROM programmers are not required.
The ’ALS527 is a combination of an 8-bit fuse-programmable comparator and a conventional 4-bit comparator.
For the P = Q output to go low, the applied data word P0 through P7 must match the preprogrammed data word
Q0 through Q7, and the applied data word P8 through P11 must match the applied data word Q8 through Q11.
The SN54ALS526, SN54ALS527, and SN54ALS528 are characterized for operation over the full military
temperature range of – 55
°C to 125°C. The SN74ALS526, SN74ALS527, and SN74ALS528 are characterized
for operation from 0
°C to 70°C.
programming procedure
Before any fuses are blown, the inputs will recognize a low logic level. Therefore, only the bits that are to
recognize a high logic level require programming. A fuse is blown by applying 12 volts (VIHH) to the desired P
input and also to the G input. This permanently programs the pin to recognize a high. Only one input pin should
be programmed at a time.
Step 1.
Take G to VIL and apply VIH to all P inputs.
Step 2.
Take desired P input to VIHH, output will be low if the fuse is intact.
Step 3.
Pulse G to VIHH. After G has returned to VIL, the output will be high indicating that the fuse is blown.
Step 4.
Take P input back to VIH. Repeat steps 2 through 4 to program additional inputs.
verification procedure
These devices can be checked to determine which fuses, if any, are blown. Figure 1 shows how verification can
be accomplished during programming.
Step 1.
Take G and all P inputsto VIL. If the output is low, all fuses are intact.
Step 2.
Take all P inputsto VIH. The output should be high except when all fuses are blown. If all fuses are
blown then the output will be low.
Step 3.
Take test input to VIHH, leaving other inputs at VIH. If the output goes low, the fuse is intact. If the
output goes high, the fuse is blown.
Step 4.
Take test input back to VIH. Repeat steps 3 and 4 to test additional inputs.
† For the ’ALS527, P8 through P11 inputs must match the Q8 through Q11 inputs.


Similar Part No. - SN74ALS528

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS528 TI1-SN74ALS528 Datasheet
110Kb / 7P
[Old version datasheet]   FUSE-PROGRAMMABLE IDENTITY COMPARATORS
SN74ALS528D TI1-SN74ALS528D Datasheet
110Kb / 7P
[Old version datasheet]   FUSE-PROGRAMMABLE IDENTITY COMPARATORS
More results

Similar Description - SN74ALS528

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS526 TI1-SN54ALS526 Datasheet
110Kb / 7P
[Old version datasheet]   FUSE-PROGRAMMABLE IDENTITY COMPARATORS
54AC11521 TI1-54AC11521_09 Datasheet
87Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_08 Datasheet
666Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F521 TI-SN54F521_07 Datasheet
617Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54AL520 TI-SN54AL520 Datasheet
138Kb / 9P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI-SN54HC688_07 Datasheet
518Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F520 TI-SN54F520 Datasheet
74Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI1-SN54ALS520_16 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI1-SN54HC688_16 Datasheet
1Mb / 19P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI-SN54ALS520_06 Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com