Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVTH543 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54LVTH543
Description  3.3 V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3 STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH543 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54LVTH543 Datasheet HTML 2Page - Texas Instruments SN54LVTH543 Datasheet HTML 3Page - Texas Instruments SN54LVTH543 Datasheet HTML 4Page - Texas Instruments SN54LVTH543 Datasheet HTML 5Page - Texas Instruments SN54LVTH543 Datasheet HTML 6Page - Texas Instruments SN54LVTH543 Datasheet HTML 7Page - Texas Instruments SN54LVTH543 Datasheet HTML 8Page - Texas Instruments SN54LVTH543 Datasheet HTML 9Page - Texas Instruments SN54LVTH543 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN54LVTH543, SN74LVTH543
3.3V ABT OCTAL REGISTERED TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS704F − AUGUST 1997 − REVISED OCTOBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVTH543
SN74LVTH543
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration,
LEAB or LEBA low
3.3
3.3
3.3
3.3
ns
A or B before
Data high
0.4
0.4
0.4
0.4
tsu
Setup time
A or B before
LEAB or LEBA
Data low
1
1.5
1
1.5
ns
tsu
Setup time
A or B before
Data high
0.2
0.2
0.2
0.2
ns
A or B before
CEAB or CEBA
Data low
0.7
1.2
0.7
1.2
A or B after
Data high
1.5
0.6
1.5
0.6
th
Hold time
A or B after
LEAB or LEBA
Data low
1.3
1.5
1.3
1.5
ns
th
Hold time
A or B after
Data high
1.6
0.5
1.6
0.5
ns
A or B after
CEAB or CEBA
Data low
1.4
1.6
1.4
1.6
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVTH543
SN74LVTH543
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
tPLH
A or B
B or A
1.2
3.9
4.5
1.3
2.5
3.7
4.3
ns
tPHL
A or B
B or A
1.2
3.9
4.5
1.3
2.5
3.7
4.3
ns
tPLH
LE
A or B
1.2
5.1
6.1
1.3
2.9
4.7
5.9
ns
tPHL
LE
A or B
1.2
5.1
6.1
1.3
2.9
4.7
5.9
ns
tPZH
OE
A or B
1
5.1
6.4
1.1
2.9
4.9
6.2
ns
tPZL
OE
A or B
1
5.1
6.4
1.1
3.2
4.9
6.2
ns
tPHZ
OE
A or B
1.9
5.6
6.2
2
3.4
5.3
5.9
ns
tPLZ
OE
A or B
1.9
5.6
6.2
2
3.7
5.3
5.9
ns
tPZH
CE
A or B
1.2
5.5
7
1.3
3.2
5.3
6.8
ns
tPZL
CE
A or B
1.2
5.5
7
1.3
3.5
5.3
6.8
ns
tPHZ
CE
A or B
2.2
5.7
6.2
2.3
3.8
5.4
5.9
ns
tPLZ
CE
A or B
2.2
5.7
5.9
2.3
3.9
5.4
5.6
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54LVTH543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH543 TI-SN54LVTH543 Datasheet
125Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543FK TI-SN54LVTH543FK Datasheet
125Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543JT TI-SN54LVTH543JT Datasheet
125Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543_08 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVTH543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT543 TI-SN54LVT543_07 Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543 Datasheet
335Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543_08 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543 Datasheet
125Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH543-EP TI1-SN74LVTH543-EP Datasheet
300Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT245B TI-SN54LVT245B Datasheet
111Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI1-SN54LVTH245A_16 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH2245 TI-SN54LVTH2245 Datasheet
108Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com