Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTVF16857DGG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSTVF16857DGG
Description  DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTVF16857DGG Datasheet(HTML) 4 Page - NXP Semiconductors

  SSTVF16857DGG Datasheet HTML 1Page - NXP Semiconductors SSTVF16857DGG Datasheet HTML 2Page - NXP Semiconductors SSTVF16857DGG Datasheet HTML 3Page - NXP Semiconductors SSTVF16857DGG Datasheet HTML 4Page - NXP Semiconductors SSTVF16857DGG Datasheet HTML 5Page - NXP Semiconductors SSTVF16857DGG Datasheet HTML 6Page - NXP Semiconductors SSTVF16857DGG Datasheet HTML 7Page - NXP Semiconductors SSTVF16857DGG Datasheet HTML 8Page - NXP Semiconductors SSTVF16857DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Philips Semiconductors
Product data
SSTVF16857
DDR PC1600-PC3200 14-bit SSTL_2
registered driver with differential clock inputs
2003 Sep 19
4
BALL CONFIGURATION
12
3
4
5
6
A
B
C
D
E
F
G
H
J
K
SW00952
Q1
NC
NC
NC
NC
NC
NC
NC
NC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
RESET
CLK+
CLK-
VREF
ABSOLUTE MAXIMUM RATINGS1
LIMITS
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VCC
DC supply voltage
-0.5
+4.6
V
IIK
DC input diode current
VI < 0
-50
mA
VI
DC input voltage3
-0.5
VDDQ + 0.5
V
IOK
DC output diode current
VO < 0
-50
mA
VOUT
DC output voltage3
-0.5
VDDQ + 0.5
V
DC output current
VO = 0 to VDDQ
±50
IOUT
Continuous current4
VCC, VDDQ, or GND
±100
mA
Tstg
Storage temperature range2
-65
+150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
4. The continuous current at VCC, VDDQ, or GND should not exceed ±100 mA.


Similar Part No. - SSTVF16857DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859 Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
SSTVF16859 PHILIPS-SSTVF16859 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
logo
Texas Instruments
SSTVF16859 TI1-SSTVF16859 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
NXP Semiconductors
SSTVF16859BS PHILIPS-SSTVF16859BS Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
SSTVF16859BS PHILIPS-SSTVF16859BS Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
More results

Similar Description - SSTVF16857DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTV16857 PHILIPS-SSTV16857 Datasheet
110Kb / 12P
   14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
SSTL16877 PHILIPS-SSTL16877 Datasheet
75Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
logo
Texas Instruments
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
logo
Cypress Semiconductor
CY2SSTV16857 CYPRESS-CY2SSTV16857 Datasheet
143Kb / 8P
   14-Bit Registered Buffer PC2700-/PC3200-Compliant
logo
Texas Instruments
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
logo
SpectraLinear Inc
CY2SSTV857-32 SPECTRALINEAR-CY2SSTV857-32 Datasheet
108Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Renesas Technology Corp
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com