Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK25CA8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK25CA8
Description  128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK25CA8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK25CA8 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
August 1999
6-1
PIN CONFIGURATIONS
PIN NAMES
A0 - A16
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
VCC
Power (+ 5V)
VSS
Ground
A13
A8
A9
A11
NC
A16
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
A15
W
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A14
VCC
A15
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
NC
STK25CA8
128K x 8
AutoStore™ nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM Module
FEATURES
• Nonvolatile Storage without Battery Problems
• Directly Replaces 128K x 8 Static RAM, Battery-
Backed RAM or EEPROM
• 35ns and 45ns Access Times
STORE to EEPROM Initiated by AutoStore™
on Power Down
RECALL to SRAM on Power Restore
• 22mA I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and
RECALL Cycles
• 1,000,000
STORE Cycles to EEPROM
• 100-Year Data Retention Over Full Commercial
Temperature Range
• Commercial and Industrial Temperatures
• 32-Pin 600 mil Dual In-Line Module
DESCRIPTION
The Simtek STK25CA8 is a fast static RAM with a
nonvolatile, electrically erasable PROM element
incorporated in each static memory cell. The SRAM
can be read and written an unlimited number of
times, while independent nonvolatile data resides in
the EEPROM. Data transfers from the SRAM to the
EEPROM
(the STORE operation) can take place auto-
matically on power down using charge stored in sys-
tem capacitance. Transfers from the EEPROM to the
SRAM
(the RECALL operation) take place automati-
cally on restoration of power.
BLOCK DIAGRAM
A6
A7
A2
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
512 x 512
EEPROM ARRAY
512 x 512
STORE/
RECALL
CONTROL
POWER
CONTROL
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
VCC
G
E
W
A9
A8
A10
A3
A0 A1
A4
A5
A15
A16
MODULE
DECODER
512 x 512
STORE
RECALL
32 - 600 mil
Dual In-Line
Module


Similar Part No. - STK25CA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25C48-W ETC-STK25C48-W Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
STK25C48-W20 ETC-STK25C48-W20 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
STK25C48-W20I ETC-STK25C48-W20I Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
More results

Similar Description - STK25CA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14CA8 ETC-STK14CA8 Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com