Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTA512B-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTA512B-TR
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA512B-TR Datasheet(HTML) 5 Page - STMicroelectronics

  STTA512B-TR Datasheet HTML 1Page - STMicroelectronics STTA512B-TR Datasheet HTML 2Page - STMicroelectronics STTA512B-TR Datasheet HTML 3Page - STMicroelectronics STTA512B-TR Datasheet HTML 4Page - STMicroelectronics STTA512B-TR Datasheet HTML 5Page - STMicroelectronics STTA512B-TR Datasheet HTML 6Page - STMicroelectronics STTA512B-TR Datasheet HTML 7Page - STMicroelectronics STTA512B-TR Datasheet HTML 8Page - STMicroelectronics STTA512B-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STTA512D/F/B/FP
5/10
Fig. A : “FREEWHEEL” MODE.
TOTAL LOSSES
due to the diode
P = P1+ P2+ P3+ P4+ P5
Watts
SWITCHING
LOSSES
in the diode
SWITCHING
LOSSES
in the tansistor
due to the diode
CONDUCTION
LOSSES
in the diode
REVERSE
LOSSES
in the diode
The 1200V TURBOSWITCH
series has been
designed to provide the lowest overall power
losses in all high frequency or high pulsed current
operations. In such applications (Fig A to D),the
way of calculating the power losses is given below :
APPLICATION DATA
DIODE:
TURBOSWITCH
IL
LOAD
TRANSISTOR
SWITCHING
t
T
F=1/T
= t/T
VR


Similar Part No. - STTA512B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA512B-TR STMICROELECTRONICS-STTA512B-TR Datasheet
95Kb / 10P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
More results

Similar Description - STTA512B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA2512P STMICROELECTRONICS-STTA2512P Datasheet
83Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com