Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5D1M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TB5D1M
Description  QUAD DIFFERENTIAL PECL DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5D1M Datasheet(HTML) 1 Page - Texas Instruments

  TB5D1M Datasheet HTML 1Page - Texas Instruments TB5D1M Datasheet HTML 2Page - Texas Instruments TB5D1M Datasheet HTML 3Page - Texas Instruments TB5D1M Datasheet HTML 4Page - Texas Instruments TB5D1M Datasheet HTML 5Page - Texas Instruments TB5D1M Datasheet HTML 6Page - Texas Instruments TB5D1M Datasheet HTML 7Page - Texas Instruments TB5D1M Datasheet HTML 8Page - Texas Instruments TB5D1M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
AI
BI
GND
E1
VCC
DI
E2
CI
AO
BO
CO
DO
9
10
16
15
14
13
12
11
1
2
3
4
5
6
7
8
DW AND D PACKAGE
(TOP VIEW)
CO
DO
BO
AO
AI
BI
CI
DI
E1
E2
AO
AO
BO
BO
CO
CO
DO
DO
FUNCTIONAL DIAGRAM
E1
E2 Condition
0
0
Active
1
0
Active
0
1
Disabled
1
1
Active
ENABLE TRUTH TABLE
TB5D1M, TB5D2H
SLLS579B – SEPTEMBER 2003 – REVISED MAY 2004
QUAD DIFFERENTIAL PECL DRIVERS
Functional Replacements for the Agere
These quad differential drivers are TTL input to
BDG1A, BPNGA and BDGLA
pseudo-ECL differential output used for digital data
transmission over balanced transmission lines.
Pin-Equivalent to the General-Trade 26LS31
Device
The TB5D1M device is a pin and functional replace-
ment for the Agere systems BDG1A and BPNGA
2.0 ns Maximum Propagation Delays
quad differential drivers. The TB5D1M has a built-in
0.15 ns Output Skew Typical Between
± Pairs
lightning protection circuit to absorb large transitions
Capable of Driving 50-
Ω Loads
on the transmission lines without destroying the
5.0-V or 3.3-V Supply Operation
device. When the circuit is powered down it loads the
transmission line, because of the protection circuit.
TB5D1M Includes Surge Protection on
Differential Outputs
The TB5D2H device is a pin and functional replace-
ment for the Agere systems BDG1A and BDGLA
TB5D2H No Line Loading When VCC = 0
quad differential drivers. Upon power down the
Third State Output Capability
TB5D2H output circuit appears as an open circuit and
-40
°C to 85°C Operating Temp Range
does not load the transmission line.
ESD Protection HBM > 3 kV and CDM > 2 kV
Both drivers feature a 3-state output with a third-state
Available in Gull-Wing SOIC (JEDEC MS-013,
level of less than 0.1 V.
DW) and SOIC (D) Packages
The packaging options available for these quad
differential
line
drivers
include
a
16-pin
SOIC
gull-wing (DW) and a 16-pin SOIC (D) package.
Digital Data or Clock Transmission Over
Both drivers are characterized for operation from
Balanced Transmission Lines
-40
°C to 85°C
The logic inputs of this device include internal pull-up
resistors of approximately 40 k
Ω that are connected
to VCC to ensure a logical high level input if the inputs
are open circuited.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TB5D1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MD TI1-TB5D1MD Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MD TI1-TB5D1MD Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MDE4 TI1-TB5D1MDE4 Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
More results

Similar Description - TB5D1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com