Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1262F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB1262F
Description  TOSHIBA BiCMOS INTEGRATED CIRCUIT, SILICON MONOLITHIC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1262F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB1262F Datasheet HTML 1Page - Toshiba Semiconductor TB1262F Datasheet HTML 2Page - Toshiba Semiconductor TB1262F Datasheet HTML 3Page - Toshiba Semiconductor TB1262F Datasheet HTML 4Page - Toshiba Semiconductor TB1262F Datasheet HTML 5Page - Toshiba Semiconductor TB1262F Datasheet HTML 6Page - Toshiba Semiconductor TB1262F Datasheet HTML 7Page - Toshiba Semiconductor TB1262F Datasheet HTML 8Page - Toshiba Semiconductor TB1262F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
TB1261F/TB1262F
2002-6-30 5 / 66
4, MAXIMUM RATINGS
(Ta=25℃)
ITEM
ITEM
ITEM
ITEM
SYMBOL
SYMBOL
SYMBOL
SYMBOL
RATING
RATING
RATING
RATING
UNIT
UNIT
UNIT
UNIT
Supply Voltage (9V Vcc)
Vcc max9
12
Supply Voltage (5V Vcc)
Vcc max5
6.5
Supply Voltage (3.3V Vdd)
Vdd max3.3
5.0
Power Dissipation
PD max
1980(*1)
mW
Input terminal Voltage
V in
GND – 0.3 ~
Vcc + 0.3
V
Operating Temperature
Topr
-20
~
65
Storage Temperature
Tstg
-55
~ 150
(*1) When using this device at above Ta=25℃, the power dissipation decreases by 15.9mV per 1℃ rise.
(*2) This IC is weak against static electricity and surge impulse. Please take counter measure to meet, if
necessary.
(*3) This IC is not proofed enough against a strong E-M field by CRT which mau cause function error
and/or poor characteristics. Keeping the distance from CRT to the IC longer than 20cm, or if cannot,
placing shield metal over the IC, is recommended in an application.
Ta-PD Curve
( on a PCB)
5, OPERATING POWER SUPPLY VOLTAGE
PIN NO.
PIN NO.
PIN NO.
PIN NO.
PIN NAME
PIN NAME
PIN NAME
PIN NAME
MIN.
MIN.
MIN.
MIN.
TYP.
TYP.
TYP.
TYP.
MAX.
MAX.
MAX.
MAX.
U
U
U
UNIT
NIT
NIT
NIT
NOTE
NOTE
NOTE
NOTE
74
IF Vcc (5V)
4.75
5
5.25
V
67
IF Vcc (9V)
8.55
9
9.45
25
RGB VCC (9V)
8.55
9
9.45
V
45
H VCC (9V)
8.55
9
9.45
V
35
DIGITAL VDD
3.1
3.3
3.5
V
This pin should be supplied from
HVcc via 270 ohms of resister.
11
Y/C VCC (5V)
4.75
5
5.25
V
Atmosphere Temperature
Ta (
°c)
1980
1349
150
65
0


Similar Part No. - TB1262F

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1263A TAI-SAW-TB1263A Datasheet
334Kb / 7P
   SAW Filter 112MHz 1.0MHz BW (SMD 7.0횞5.0mm)
TB1265A TAI-SAW-TB1265A Datasheet
383Kb / 8P
   IF SAW Filter 256MHz SMD 7.0X5.0mm
More results

Similar Description - TB1262F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB9044AFNG TOSHIBA-TB9044AFNG Datasheet
740Kb / 42P
   TOSHIBA BiCMOS Integrated Circuit Silicon Monolithic
2019-12-10
TB9083FTG TOSHIBA-TB9083FTG Datasheet
2Mb / 131P
   Toshiba BiCMOS Linear Integrated Circuits — silicon monolithic
2022-11-22 Rev.1.6
TB6674PG TOSHIBA-TB6674PG Datasheet
522Kb / 21P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
TB6600FG TOSHIBA-TB6600FG Datasheet
1Mb / 36P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2014-03-03
TB67H400AFNG TOSHIBA-TB67H400AFNG Datasheet
372Kb / 24P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2016-12-22
TB67S209FTG TOSHIBA-TB67S209FTG Datasheet
559Kb / 30P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2016-10-27
TB62208FNG TOSHIBA-TB62208FNG Datasheet
441Kb / 25P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-01-28
TB67S508FTG TOSHIBA-TB67S508FTG Datasheet
559Kb / 33P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2017-03-01
TB62214FG TOSHIBA-TB62214FG Datasheet
696Kb / 27P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2010-06-10
TB62216FG TOSHIBA-TB62216FG Datasheet
489Kb / 24P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2012-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com