Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCG36 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMCG36
Description  SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCG36 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMCG36 Datasheet HTML 1Page - Microsemi Corporation SMCG36 Datasheet HTML 2Page - Microsemi Corporation SMCG36 Datasheet HTML 3Page - Microsemi Corporation SMCG36 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT 1500 Watt
Transient Voltage Suppressor
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2005
2-23-05 REV C
SCOTTSD A L E DIVISION
SMCJ5.0 thru SMCJ170CA
and SMCG5.0 thru SMCG170CA
DESCRIPTION
APPEARANCE
The SMCJ5.0-170A or SMCG5.0-170A series of 1500 W Transient Voltage
Suppressors (TVSs) protects a variety of voltage-sensitive components from
destruction or degradation. It is available in J-bend design (SMCJ) with the
DO-214AB package for greater PC board mounting density or in a Gull-wing
design (SMCG) in the DO-215AB for visible solder connections. Selections
include unidirectional and bidirectional. They can protect from secondary
lightning effects per IEC61000-4-5 and class levels defined herein, or for
inductive switching environments and induced RF protection. Since their
response time is virtually instantaneous, they can also be used in protection
from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.
NOTE: All SMC series are
equivalent to prior SMM package
identifications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Economical surface mount design in both J-bend or
Gull-wing terminations
Available in both Unidirectional and Bidirectional
construction with a C or CA suffix
Suppresses transients up to 1500 watts @ 10/1000 µs
Qualified to UL497B
Optional 100% screening for avionics grade is
available by adding MA prefix to part number for added
100% temperature cycle -55
oC to +125oC (10X) as well
as surge (3X) and 24 hours HTRB with post test VZ &
IR (in the operating direction for unidirectional or both
directions for bidirectional)
Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers.
Axial-lead equivalent packages for thru-hole mounting
available as 1.5KE6.8 to 1.5KE200CA or 1N6267 thru
1N6303A and 1N5908 (consult factory for other
surface mount options)
Moisture classification is Level 1 with no dry pack
required per IPC/JEDEC J-STD-020B
• Selections for 5.0 to 170 volts standoff voltages (VWM)
• Protection from switching transients and induced RF
• Protection from ESD, and EFT per IEC 61000-4-2 and
IEC 61000-4-4
• Secondary lightning protection per IEC61000-4-5 with
42 Ohms source impedance:
Class 1: SMC 5.0 to SMC 170A or CA
Class 2: SMC 5.0 to SMC 150A or CA
Class 3: SMC 5.0 to SMC 75A or CA
Class 4: SMC 5.0 to SMC 36A or CA
• Secondary lightning protection per IEC61000-4-5 with
12 Ohms source impedance:
Class 1 : SMC 5.0 to SMC 90A or CA
Class 2: SMC 5.0 to SMC 45A or CA
Class 3: SMC 5.0 to SMC 24A or CA
Class 4: SMC 5.0 to SMC 11A or CA
• Secondary lightning protection per IEC61000-4-5 with
2 Ohms source impedance:
Class 2: SMC 5.0 to SMC 22A or CA
Class 3: SMC 5.0 to SMC 10A or CA
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Peak Pulse Power dissipation at 25
ºC: 1500 watts at
10/1000 µs (also see Fig 1,2, and 3)
Impulse repetition rate (duty factor): 0.01%
tclamping (0 volts to V(BR) min.): < 100 ps theoretical for
unidirectional and < 5 ns for bidirectional
Operating and Storage temperature: -65
ºC to +150ºC
Thermal resistance: 20
ºC/W junction to lead, or 80ºC/W
junction to ambient when mounted on FR4 PC board
(1oz Cu) with recommended footprint (see last page)
Steady-State Power dissipation: 6 watts at TL = 30
oC,
or 1.56 watts at TA = 25
ºC when mounted on FR4 PC
board with recommended footprint
Forward Surge: 200 Amps peak impulse of 8.3 ms
half-sine wave at 25ºC (unidirectional only)
Solder temperatures: 260
ºC for 10 s (maximum)
CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
TERMINALS: Gull-wing or C-bend (modified J-bend)
leads, tin-lead plated solderable to MIL-STD-750,
method 2026
POLARITY: Cathode indicated by band. No marking
on bi-directional devices
MARKING: Part number without SM prefix (e.g.
C5.0, C5.0A, C5.0CA, C36, C36A, C36CA, etc.)
TAPE & REEL option: Standard per EIA-481-2 with
16 mm tape, 750 per 7 inch reel or 2500 per 13 inch
reel (add “TR” suffix to part number)
WEIGHT: 0.25 grams


Similar Part No. - SMCG36

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG36 GE-SMCG36 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG36 MICROSEMI-SMCG36 Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Vishay Siliconix
SMCG36 VISHAY-SMCG36 Datasheet
114Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Luguang Electr...
SMCG36 LUGUANG-SMCG36 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Digitron Semiconductors
SMCG36 DIGITRON-SMCG36 Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
More results

Similar Description - SMCG36

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com