Selected language     English  ▼


TLP141G Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP141G
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 5 page
background image
TLP141G
2002-09-25
5
IFT – RGK
Gate-cathode resistance RGK (kΩ)
100
2
1
50
30
10
5
3
5
10
50
100
200
30
Ta = 25°C
VAK=6V
RL=100Ω
IFT – Ta
dv / dt – RGK
Gate-cathode resistance RGK (kΩ)
100
200
1
100
30
10
3
5
30
10
50
50
VAK=200V
400V
Ta = 25°C
ton – IF
Forward current
IF(mA)
40
30
0
20
10
1
10
20
30
RGK=10kΩ
27kΩ
Ta = 25°C
RL=100Ω
VAA=50V
100
Ambient temperature
Ta (°C)
IH – Ta
80
0.7
0
0.5
0.1
20
40
60
0.3
RGK=10kΩ
27kΩ
Ambient temperature Ta
(°C)
100
20
0
10
5
3
20
40
60
80
VAK=6V
RL=100Ω
RGK=10kΩ
27kΩ
Gate-cathode capacitance CGK(μF)
dv / dt – CGK
0.01
500
0.001
300
5
0.003
0.005
100
50
30
10
Ta = 85°C
VAK = 400V
RGK= 27kΩ
IH – RGK
Gate-cathode resistance RGK (kΩ)
5
0.1
1
3
10
30
50
100
3
1
0.5
0.3
5
200
Ta = 25°C




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP628TOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP320TOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP321-2TOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP372TOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP666JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP666GFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP741GTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 3 4 5 MoreToshiba Semiconductor
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3540TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET 1 2 3 4 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl