Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL-403G-DL Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL-403G-DL
Description  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-403G-DL Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL-403G-DL Datasheet HTML 1Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 2Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 3Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 4Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 5Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 6Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 7Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 8Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Lead (Pb) free product – RoHS compliant
* Low power consumption.
* Most suitable for use like level indicator.
* Excellent uniformity of light emittance.
* Long life solid state reliability.
* I.C. compatible.
Package Dimensions
Part No.
Lens
Source Color
LTL-403G-DL
Green Diffused
GaP Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm (.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTL-403G-DL
Page :
1
of
10
BNS-OD-C131/A4


Similar Part No. - LTL-403G-DL

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-403G LITEON-LTL-403G Datasheet
499Kb / 8P
   Through Hole Lamp
More results

Similar Description - LTL-403G-DL

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com