Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46108 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # SLG46108
Description  GreenPAK Ultra-small Programmable Mixed-signal Matrix
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46108 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button SLG46108 Datasheet HTML 34Page - Dialog Semiconductor SLG46108 Datasheet HTML 35Page - Dialog Semiconductor SLG46108 Datasheet HTML 36Page - Dialog Semiconductor SLG46108 Datasheet HTML 37Page - Dialog Semiconductor SLG46108 Datasheet HTML 38Page - Dialog Semiconductor SLG46108 Datasheet HTML 39Page - Dialog Semiconductor SLG46108 Datasheet HTML 40Page - Dialog Semiconductor SLG46108 Datasheet HTML 41Page - Dialog Semiconductor SLG46108 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
000-0046108-108
Page 37 of 69
SLG46108
10.3 3-Bit LUT or Pipe Delay Macrocell
There is one macrocell that can serve as either a 3-bit LUT or as a Pipe Delay.
When used to implement LUT functions, the 3-bit LUT take in three input signals from the connection matrix and produces a single
output, which goes back into the connection matrix.
When used as an 8-stage pipe delay, there are three inputs signals from the matrix, Input (IN), Clock (CK) and Reset (nRST).
The pipe delay cell is built from D Flip-Flop logic cells that provide the two user selectable output options (OUT0 and OUT1). The
DFF cells are tied in series where the output of each delay cell goes to the next DFF cell. There are delay output points for each
set of the OUT0 and OUT1 outputs to a 3-input mux that is controlled by reg <260:258> for OUT0 and reg <263:261> for OUT1.
The 3-input MUX is used to control the selection of the amount of delay.
The overall time of the delay is based on the clock used in the SLG46108 design. Each DFF cell has a time delay of the inverse
of the clock time (either external clock or the RC Oscillator within the SLG46108). The sum of the number of DFF cells used will
be the total time delay of the Pipe Delay logic cell.
Figure 13. 3-bit LUT4 or Pipe Delay
3-bit LUT4 OUT
IN1
IN0
reg <265:258>
From Connection
Matrix Output <23>
From Connection
Matrix Output <24>
IN2
From Connection
Matrix Output <25>
8 Flip-Flops
IN
nRST
CK
From Connection
Matrix Output <24>
From Connection
Matrix Output <23>
From Connection
Matrix Output <25>
reg <263:261>
reg <260:258>
To Connection
Matrix Input <13>
OUT1
OUT0
reg <392>
1
0
To Connection
Matrix Input <12>
reg <268>
0
1


Similar Part No. - SLG46108

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46108 RENESAS-SLG46108 Datasheet
1Mb / 72P
   Ultra-small Programmable Mixed-signal Matrix
March 9, 2023
More results

Similar Description - SLG46108

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com