Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C2416LF Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C2416LF
Description  BNC Male to BNC Male Cable Using RG316 Coax, LF Solder, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2416LF Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C2416LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2416LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2416LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2416LF Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3C2416LF
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C2416LF-12 = 12 inches long cable
PE3C2416LF-100cm = 100 cm long cable
BNC Male to BNC Male Cable Using RG316 Coax, LF Solder, RoHS from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to BNC Male Cable Using RG316 Coax, LF Solder, RoHS PE3C2416LF
URL:
https://www.pasternack.com/bnc-male-bnc-male-rg316u-cable-assembly-pe3c2416lf-p.aspx
PE3C2416LF REV 1.1
RF Cable Assemblies Technical Data Sheet
BNC Male to BNC Male Cable Using
RG316 Coax, LF Solder, RoHS
PE3C2416LF


Similar Part No. - PE3C2416LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2416LF-12 PASTERNACK-PE3C2416LF-12 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 12 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-24 PASTERNACK-PE3C2416LF-24 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 24 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-36 PASTERNACK-PE3C2416LF-36 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 36 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-48 PASTERNACK-PE3C2416LF-48 Datasheet
368Kb / 4P
   BNC Male to BNC Male Cable 48 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-60 PASTERNACK-PE3C2416LF-60 Datasheet
370Kb / 4P
   BNC Male to BNC Male Cable 60 Inch Length Using RG316 Coax, LF Solder, RoHS
More results

Similar Description - PE3C2416LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2360LF PASTERNACK-PE3C2360LF Datasheet
371Kb / 4P
   SMA Male to BNC Male Cable Using RG316 Coax, LF Solder, RoHS
PE3087LF PASTERNACK-PE3087LF Datasheet
388Kb / 4P
   BNC Male to BNC Male Cable Using RG223 Coax, LF Solder, RoHS
PE3C2416LF-60 PASTERNACK-PE3C2416LF-60 Datasheet
370Kb / 4P
   BNC Male to BNC Male Cable 60 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2295LF PASTERNACK-PE3C2295LF Datasheet
365Kb / 4P
   BNC Male to BNC Male Cable Using RG174 Coax, LF Solder, RoHS
PE3C2034LF PASTERNACK-PE3C2034LF Datasheet
364Kb / 4P
   BNC Male to BNC Male Cable Using RG188 Coax, LF Solder, RoHS
PE3C2416LF-24 PASTERNACK-PE3C2416LF-24 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 24 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-36 PASTERNACK-PE3C2416LF-36 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 36 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-72 PASTERNACK-PE3C2416LF-72 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 72 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-12 PASTERNACK-PE3C2416LF-12 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 12 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-48 PASTERNACK-PE3C2416LF-48 Datasheet
368Kb / 4P
   BNC Male to BNC Male Cable 48 Inch Length Using RG316 Coax, LF Solder, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com