Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46127 Datasheet(PDF) 65 Page - Dialog Semiconductor

Part # SLG46127
Description  GreenPAK Programmable Mixed-signal Matrix
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46127 Datasheet(HTML) 65 Page - Dialog Semiconductor

Back Button SLG46127 Datasheet HTML 61Page - Dialog Semiconductor SLG46127 Datasheet HTML 62Page - Dialog Semiconductor SLG46127 Datasheet HTML 63Page - Dialog Semiconductor SLG46127 Datasheet HTML 64Page - Dialog Semiconductor SLG46127 Datasheet HTML 65Page - Dialog Semiconductor SLG46127 Datasheet HTML 66Page - Dialog Semiconductor SLG46127 Datasheet HTML 67Page - Dialog Semiconductor SLG46127 Datasheet HTML 68Page - Dialog Semiconductor SLG46127 Datasheet HTML 69Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
000-0046127-101
Page 64 of 87
SLG46127
17.3 Blocks Output States During POR Sequence
To have a full picture of SLG46127 operation during powering and POR sequence, review the overview the macrocell output
states during the POR sequence (Figure 45 describes the output signals states).
First, before the NVM has been reset, all macrocells have their output set to logic LOW (except the output PINs which are in high
impedance state). Before the NVM is ready, all macrocell outputs are unpredictable (except the output PINs). On the next step,
some of the macrocells start initialization: input pins output state becomes LOW; LUTs also output LOW. Only P DLY macrocell
configured as edge detector becomes active at this time. After that input PINs are enabled. Next, only LUTs are configured. Next,
all other macrocells are initialized. After macrocells are initialized, internal POR matrix signal switches from LOW to HIGH. The
last are output PINs that become active and determined by the input signals.
Figure 45. Internal Block States during POR sequence
Unpredictable
Unpredictable
Unpredictable
Unpredictable
Unpredictable
Unpredictable
Unpredictable
Unpredictable
VDD
Input PIN_out
to matrix
LUT_out
to matrix
Programmable Delay_out
to matrix
Prog. Edge_Detector_out
to matrix
DFF/Latch_out
to matrix
Delay_out
to matrix
POR_out
to matrix
Ext. GPO
VDD_out
to matrix
Determined by Input signals
Determined by Input signals
Starts to detect input edges
Determined by Input signals
Determined by Input signals
Determined by Input signals
Starts to detect input edges
Determined by input signals
Determined by External Signal
Guaranteed HIGH before POR_GPI
Determined by input signals
OUT = IN without Delay
Determined by initial state
Determined by input signals
OUT = IN without Delay
Tri-state
t
t
t
t
t
t
t
t
t
t


Similar Part No. - SLG46127

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127M RENESAS-SLG46127M Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127MTR RENESAS-SLG46127MTR Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
More results

Similar Description - SLG46127

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com