Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46127 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG46127
Description  GreenPAK Programmable Mixed-signal Matrix
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46127 Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG46127 Datasheet HTML 1Page - Dialog Semiconductor SLG46127 Datasheet HTML 2Page - Dialog Semiconductor SLG46127 Datasheet HTML 3Page - Dialog Semiconductor SLG46127 Datasheet HTML 4Page - Dialog Semiconductor SLG46127 Datasheet HTML 5Page - Dialog Semiconductor SLG46127 Datasheet HTML 6Page - Dialog Semiconductor SLG46127 Datasheet HTML 7Page - Dialog Semiconductor SLG46127 Datasheet HTML 8Page - Dialog Semiconductor SLG46127 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Silego Technology, Inc.
Rev 1.01
000-0046127-101
Revised September 28, 2017
GreenPAK
Programmable Mixed-signal Matrix
with Dual 44 mΩ / 2 A P-FET
SLG46127
Block Diagram
General Description
The SLG46127 GreenPAK combines the functionality and ver-
satility of a GreenPAK Programmable Mixed-signal Matrix with
the capabilities of Silego’s CuFET technology. Capable of in-
tegrating a number common discrete ICs and passive compo-
nents into a single device, the GreenPAK family’s SLG46127M
enables high power switching with dual 2 A P-Ch MOSFETs.
Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macro Cells
• Read Back Protection (Read Lock)
• 1.8V (±5%) to 5V (±10%) Supply
• Operating Temperature Range -40 °C to 85 °C
• Dual 44 mΩ, 2 A P-Channel MOSFETs
• Package
• 1.6 x 2.0 x 0.55 mm MSTQFN 16L package
• Pb-Free / Halogen-Free / RoHS compliant
Applications
• Power Sequencing with Complex Analog Control
• Power Plane Component Size Reduction Project
• LED Driver
• Haptic Motor Driver
• System RESET with Power Switch
Pin Configuration
VIN1
GPIO
GPIO
VIN0
GND
12
GPIO
GPIO
1
16pin MSTQFN
(Top View)
VOUT1
67
14
13
VOUT0
VDD
2
3
4
5
11
10
9
8
15
16
PWR_SW_ON1
PWR_SW_ON0
15
16
3-bit
LUT3_4 or
Pipe Delay
Programmable
Delay
RC Oscillator
ACMP0
ACMP1
Look Up Tables (LUTs)
Counters/Delay Generators
CNT0
CNT3
CNT1
2-bit
LUT2_2
3-bit
LUT3_3
2-bit
LUT2_3
3-bit
LUT3_2
Combination Function Macrocells
2-bit
LUT2_0
or DFF0
2-bit
LUT2_1
or DFF1
3-bit
LUT3_1
or DFF3
3bit
LUT3_0
or DFF2
4-bit
LUT4_0
or CNT2
FILTER_0
Additional Logic Functions
Pin 1
GPIO
Pin 2
GPIO
Pin 3
GND
Pin 4
VIN0
Pin 9
VIN1
Pin 8
VOUT1
Pin 11
GPIO
Pin 10
GPIO
P-FET
Power Switch1
Vref
P-FET
Power Switch0
Pin 5
VOUT0
Pin 6
NC
Pin 7
AGND
Pin 12
VDD
Pin 14
GPIO
Pin 13
GPI
Pin 16
PWR_SW
_ON1
Pin 15
PWR_SW
_ON0


Similar Part No. - SLG46127

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127M RENESAS-SLG46127M Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127MTR RENESAS-SLG46127MTR Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
More results

Similar Description - SLG46127

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com