Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46127 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46127
Description  GreenPAK Programmable Mixed-signal Matrix
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46127 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46127 Datasheet HTML 17Page - Dialog Semiconductor SLG46127 Datasheet HTML 18Page - Dialog Semiconductor SLG46127 Datasheet HTML 19Page - Dialog Semiconductor SLG46127 Datasheet HTML 20Page - Dialog Semiconductor SLG46127 Datasheet HTML 21Page - Dialog Semiconductor SLG46127 Datasheet HTML 22Page - Dialog Semiconductor SLG46127 Datasheet HTML 23Page - Dialog Semiconductor SLG46127 Datasheet HTML 24Page - Dialog Semiconductor SLG46127 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
000-0046127-101
Page 20 of 87
SLG46127
7.7 Matrix OE IO Structure
7.7.1 Matrix OE IO Structure (for Pin 2, 10)
Figure 4. Matrix OE IO Structure Diagram
PAD
Digital In
S0
S1
pull_up_en
10 k
90 k
900 k
Res_sel[1:0]
00: floating
01: 10 k
10: 100 k
11: 1 M
wosmt_en
smt_en
lv_en
Low Voltage
Input
Schmitt Trigger
Input
Non-Schmitt
Trigger Input
Input Mode [1:0]
00: Digital In without Schmitt Trigger, wosmt_en=1
01: Digital In with Schmitt Trigger, smt_en=1
10: Low Voltage Digital In mode, lv_en = 1
11: analog IO mode
Output Mode [1:0]
00: 1x push-pull mode, pp1x_en=1
01: 2x push-pull mode, pp2x_en=1, pp1x_en=1
10: 1x NMOS open drain mode, od1x_en=1
11: 2x NMOS open drain mode, od2x_en=1, od1x_en=1
Analog IO
Digital Out
Digital Out
OE
od2x_en
OE
od1x_en
Digital Out
OE
pp2x_en
Digital Out
OE
pp1x_en


Similar Part No. - SLG46127

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127M RENESAS-SLG46127M Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127MTR RENESAS-SLG46127MTR Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
More results

Similar Description - SLG46127

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com