Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46140 Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # SLG46140
Description  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 52Page - Dialog Semiconductor SLG46140 Datasheet HTML 53Page - Dialog Semiconductor SLG46140 Datasheet HTML 54Page - Dialog Semiconductor SLG46140 Datasheet HTML 55Page - Dialog Semiconductor SLG46140 Datasheet HTML 56Page - Dialog Semiconductor SLG46140 Datasheet HTML 57Page - Dialog Semiconductor SLG46140 Datasheet HTML 58Page - Dialog Semiconductor SLG46140 Datasheet HTML 59Page - Dialog Semiconductor SLG46140 Datasheet HTML 60Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 170 page
background image
000-0046140-109
Page 55 of 169
SLG46140
reg<449:444>
Keep of DLY/CNT3 (FSM1) In1 of LUT3_7
74
reg<455:450>
Up of DLY/CNT3 (FSM1)
In2 of LUT3_7
75
reg<461:456>
PWM/DCMP0 Positive Input and PWM/DCMP1 Negative Input Register Selection Bit 0
76
reg<467:462>
PWM/DCMP0 Positive Input and PWM/DCMP1 Negative Input Register Selection Bit 1
77
reg<473:468>
PWM Power Down (1: Power Down)
78
reg<479:474>
CSB of SPI
79
reg<485:480>
SCLK of SPI
80
Table 33. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number


Similar Part No. - SLG46140

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

Similar Description - SLG46140

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com