Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APG0603SEC-E-TT Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APG0603SEC-E-TT
Description  0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APG0603SEC-E-TT Datasheet(HTML) 1 Page - Kingbright Corporation

  APG0603SEC-E-TT_17 Datasheet HTML 1Page - Kingbright Corporation APG0603SEC-E-TT_17 Datasheet HTML 2Page - Kingbright Corporation APG0603SEC-E-TT_17 Datasheet HTML 3Page - Kingbright Corporation APG0603SEC-E-TT_17 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO3292 / 1203014332 Rev No: V.5A Date: 10/06/2017
Page 1 / 4
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 10mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
APG0603SEC-E-TT
Hyper Red
(AlGaInP)
Water Clear
45
120
*15
*40
140
°
DESCRIPTIONS
The Hyper Red source color devices are made with
AlGaInP on GaAs substrate Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
0.65 mm x 0.35 mm SMD LED, 0.2 mm thickness
Low power consumption
Wide viewing angle
Compatible with automatic placement equipment
Package: 4000 pcs / reel
Moisture sensitivity level: 2
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
APG0603SEC-E-TT
0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Mask open area ratio:80%
Mask thickness:80~100um


Similar Part No. - APG0603SEC-E-TT_17

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APG0603SEC-E-TT KINGBRIGHT-APG0603SEC-E-TT Datasheet
252Kb / 5P
   Low power consumption
logo
HK TO-GRACE TECHNOLOGY ...
APG0603SEC-E-TT TO-GRACE-APG0603SEC-E-TT Datasheet
832Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
More results

Similar Description - APG0603SEC-E-TT_17

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APG0603RWF-TT-5MAV TO-GRACE-APG0603RWF-TT-5MAV Datasheet
766Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APG0603SYC-TT KINGBRIGHT-APG0603SYC-TT_17 Datasheet
307Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPG-0603CGC-TT TO-GRACE-KPG-0603CGC-TT Datasheet
882Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603SYC-TT TO-GRACE-KPG-0603SYC-TT Datasheet
882Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603CGC-TT TO-GRACE-APG0603CGC-TT Datasheet
826Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603SEC-TT TO-GRACE-APG0603SEC-TT Datasheet
827Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603SEC-E-TT TO-GRACE-APG0603SEC-E-TT Datasheet
832Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603SURC-TT TO-GRACE-KPG-0603SURC-TT Datasheet
881Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603SEC-E-TT TO-GRACE-KPG-0603SEC-E-TT Datasheet
876Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APG0603SURC-TT KINGBRIGHT-APG0603SURC-TT_17 Datasheet
308Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603VGC-TT-5MAV KINGBRIGHT-APG0603VGC-TT-5MAV_17 Datasheet
307Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com