Selected language     English  ▼


TLP666J Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TLP666J
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 4 page
background image
TLP666J
2002-09-25
4
IFP – VFP
Pulse forward voltage VFP (V)
1000
1
0.6
500
300
100
50
30
10
5
3
1.0
1.4
1.8
2.2
2.6
Pulse width ≤ 10 µs
Repetitive
Frequency = 100 Hz
Ta = 25 °C
IF – Ta
Ambient temperature Ta (°C)
100
0
20
80
60
40
20
0
20
40
60
80
100
120
IF – VF
Forward voltage VF (V)
100
0.1
0.6
50
30
10
5
3
1
0.5
0.3
0.8
1.0
1.2
1.4
1.6
1.8
Ta = 25 °C
Ambient temperature Ta (°C)
IT (RMS) – Ta
200
0
160
120
80
40
20
0
20
40
60
80
100
120
Duty cycle ratio DR
IFP – DR
10
3
3000
1000
500
300
100
50
30
10
3
3
10
2
3
10
1
3
10
0
Pulse width ≤ 100 µs
Ta = 25 °C
∆VF/∆Ta – IF
Forward current IF (mA)
2.8
0.4
0.3
0.1
0.8
1.2
1.6
2.0
2.4
1
3
10
30
3.2
0.5
5
50




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3530TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3064TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP525GTOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP665JFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP165JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 Toshiba Semiconductor
TLP3503TOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3062FTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP666JFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl