Selected language     English  ▼


TLP666J Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TLP666J
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 2 page
background image
TLP666J
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≤ 53°C)
∆IF / °C
-0.7
mA / °C
Peak forward current
(100µs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
-state ontput terminal voltage
VDRM
600
V
Ta = 25°C
100
On
-state RMS Current
Ta = 70°C
IT(RMS)
50
mA
On
-state current derating (Ta ≥ 25°C)
∆IT / °C
-1.1
mA / °C
Peak on
-state current
(100µs pulse, 120pps)
ITP
2
A
Peak nonrepetitive surge current
(PW = 10ms, DC = 10%)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-40~100
°C
Lead soldering temperature (10s)
Tsol
260
°C
Isolation voltage (AC, 1 min., R.H. ≤ 60%)
(Note 2)
BVS
5000
Vrms
(Note 2) Pins 1, 2 and 3 shorted together pin 4 and 6 shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
240
Vac
Forward current
IF
15
20
25
mA
Peak on
-stage current
ITP
1
A
Operating temperature
Topr
-25
85
°C




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3530TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3064TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP525GTOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP665JFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP165JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 Toshiba Semiconductor
TLP3503TOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3062FTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP666JFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl