Selected language     English  ▼


TLP666J Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TLP666J
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TLP666J
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5V
10
µA
Capacitance
CT
V = 0, f = 1MHz
30
pF
Peak off
-state currentt
IDRM
VDRM = 600V
10
1000
nA
Peak on
-state voltage
VTM
ITM = 100mA
1.7
3.0
V
Holding current
IH
0.6
mA
Critical rate of rise of
off
-state voltage
dv / dt
Vin = 240V, Ta = 85°C
(Note 3)
200
500
V / µs
Critical rate of rise of
commutating voltage
dv / dt(c)
Vin = 60Vrms, IT = 15mA
(Note 3)
0.2
V / µs
(Note 3) dv / dt test circuit
1
2
3
6
4
VCC
Vin
RL
RL
4kΩ
120Ω
Rin
dv / dt(c)
dv / dt
5V, VCC
0V
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT = 6V
5
10
mA
Inhibited voltage
VIH
IF = rated IFT
50
V
Leakage in inhibited state
IIH
IF = rated IFT
VT = rated VDRM
200
600
µA
Capacitance (input to output)
CS
VS = 0, f = 1MHz
0.8
pF
Isolation resistance
RS
VS = 500V, R.H.≤ 60%
1×10
12
10
14
AC, 1 minute
5000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3530TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3064TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP525GTOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP665JFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP165JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 Toshiba Semiconductor
TLP3503TOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3062FTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP666JFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl