Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ70A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SMCJ70A
Description  SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCJ70A Datasheet(HTML) 4 Page - Microsemi Corporation

  SMCJ70A Datasheet HTML 1Page - Microsemi Corporation SMCJ70A Datasheet HTML 2Page - Microsemi Corporation SMCJ70A Datasheet HTML 3Page - Microsemi Corporation SMCJ70A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT 1500 Watt
Transient Voltage Suppressor
100
10
1.0
0
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
Copyright
 2005
2-23-05 REV C
SCOTTSD A L E DIVISION
SMCJ5.0 thru SMCJ170CA
and SMCG5.0 thru SMCG170CA
GRAPHS
(Waveform – See Figure 2)
Non-repetitive
Test wave form
parameterxs
tr = 10
µsec.
tp = 1000
µsec.
FIGURE 2 – PULSE WAVEFORM
1
µs
10
µsec
100
µsec
1ms
10ms
tp – Pulse Time – sec
FIGURE 1 – Peak Pulse Power vs. Pulse Time
PAD LAYOUT
INCHES
mm
A
.390
9.90
B
.110
2.79
C
.150
3.81
INCHES
mm
A
0.510
12.95
B
0.110
2.79
C
0.150
3.81
SMCJ
SMCG
TL Lead Temperature
oC
FIGURE 4
FIGURE 3 – Derating Curve
T
ypical Capacitance vs.
Breakdown Voltage
PACKAGE DIMENSIONS
DO-214AB
DO-215AB
DIMENSIONS IN INCHES
A
B
C
D
E
F
K
L
MIN
.115 .260 .220 .305 .075 .380
.025
.030
MAX .121 .280 .245 .320 .095 .400
.040
.060
DIMENSIONS IN MILLIMETERS
MIN
2.92 6.60 5.59 7.75 1.90 9.65
0.635 .760
MAX 3.07 7.11 6.22 8.13 2.41 10.16 1.016 1.520
Typical Standoff Height: 0.004” – 0.008” (0.1mm – 0.2mm)


Similar Part No. - SMCJ70A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ70A DCCOM-SMCJ70A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ70A VISHAY-SMCJ70A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
logo
Micro Commercial Compon...
SMCJ70A MCC-SMCJ70A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ70A VISHAY-SMCJ70A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Taiwan Semiconductor Co...
SMCJ70A TSC-SMCJ70A Datasheet
465Kb / 5P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ70A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com