Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2531 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP2531
Description  TOSHIBA Photocoupler GaALAs Ired & Photo IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2531 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP2531 Datasheet HTML 1Page - Toshiba Semiconductor TLP2531 Datasheet HTML 2Page - Toshiba Semiconductor TLP2531 Datasheet HTML 3Page - Toshiba Semiconductor TLP2531 Datasheet HTML 4Page - Toshiba Semiconductor TLP2531 Datasheet HTML 5Page - Toshiba Semiconductor TLP2531 Datasheet HTML 6Page - Toshiba Semiconductor TLP2531 Datasheet HTML 7Page - Toshiba Semiconductor TLP2531 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP2530,TLP2531
2002-09-25
5
Test Circuit 1: Switching Time, tpHL, tpLH
Test Circuit 2: Transient Immunity And Typical Waveform
s)
(
f
t
320(V)
L
CM
,
s)
(
r
t
320(V)
H
CM
m
=
m
=
Test Circuit 3: Frequency Responce
8
7
1
2
6
5
4
3
IF
VCC=5V
RL
VO
Output
Monitor
Pulse
Generator
PW=100µs
Duty Cycle = 1/10
IF Monitor
0
IF
VO
1.5V
tpHL
tpLH
5V
1.5V
VOL
Pulse Generator
ZO=50Ω
VCM
VO
(IF=0mA)
VO
(IF=16mA)
400V
0V
5V
2V
0.8V
VOL
90%
10%
tr
tf
8
7
1
2
6
5
4
3
Set IF
15V
RL
VO
5V
AC
Input
0.1µF
1.6Vdc
0.25VP-P ac
8
7
1
2
6
5
4
3
IF
VCC=5V
RL
VO
Output
Monitor
VCM
+
VFF
A
B


Similar Part No. - TLP2531

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2531 TOSHIBA-TLP2531 Datasheet
207Kb / 8P
   Digital Logic Isolation
TLP2531F TOSHIBA-TLP2531F Datasheet
188Kb / 8P
   Digital Logic Isolation Line Receiver Power Supply Control Switching Power Supply Transistor Inverter
More results

Similar Description - TLP2531

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
   TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
   TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
   TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
   TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
   TOSHIBA Photocoupler IRED Photo IC
2019-05-27
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
   TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
   TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com