Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46169 Datasheet(PDF) 26 Page - Dialog Semiconductor

Part # SLG46169
Description  GreenPAK Programmable Mixed-signal Matrix
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46169 Datasheet(HTML) 26 Page - Dialog Semiconductor

Back Button SLG46169 Datasheet HTML 22Page - Dialog Semiconductor SLG46169 Datasheet HTML 23Page - Dialog Semiconductor SLG46169 Datasheet HTML 24Page - Dialog Semiconductor SLG46169 Datasheet HTML 25Page - Dialog Semiconductor SLG46169 Datasheet HTML 26Page - Dialog Semiconductor SLG46169 Datasheet HTML 27Page - Dialog Semiconductor SLG46169 Datasheet HTML 28Page - Dialog Semiconductor SLG46169 Datasheet HTML 29Page - Dialog Semiconductor SLG46169 Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
000-0046169-105
Page 25 of 101
SLG46169
7.4.7 PIN 8 Register Settings
7.4.8 PIN 10 Register Settings
Table 18. PIN 8 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 8 Mode Control
<884:882>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Analog Input/Output
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input & Open Drain
PIN 8 Pull Up/Down
Resistor Value
Selection
<886:885>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 8 Pull Up/Down
Resistor Selection
<887>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 8 Driver
Strength Selection
<888>
0: 1X
1: 2X
PIN 8 4X Drive (4X,
NMOS Open Drain)
Selection
<889>
0: 4X Drive Off
1: 4X Drive On (if <884:882> = ‘101’)
Table 19. PIN 10 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 10 Mode
Control
(sig_pin10_oe =0)
<920:919>
00: Digital Input without Schmitt Trigger
01: Digital Input with Schmitt Trigger
10: Low Voltage Digital Input
11: Reserved
PIN 10 Mode
Control
(sig_pin10_oe =1)
<922:921>
00: Push Pull 1X
01: Push Pull 2X
10: Open Drain NMOS 1X
11: Open Drain NMOS 2X
PIN 10 Pull
Up/Down Resistor
Value Selection
<924:923>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 10 Pull
Up/Down Resistor
Selection
<925>
0: Pull Down Resistor
1: Pull Up Resistor


Similar Part No. - SLG46169

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169V RENESAS-SLG46169V Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169VTR RENESAS-SLG46169VTR Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results

Similar Description - SLG46169

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com