Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46200 Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # SLG46200
Description  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 24Page - Dialog Semiconductor SLG46200 Datasheet HTML 25Page - Dialog Semiconductor SLG46200 Datasheet HTML 26Page - Dialog Semiconductor SLG46200 Datasheet HTML 27Page - Dialog Semiconductor SLG46200 Datasheet HTML 28Page - Dialog Semiconductor SLG46200 Datasheet HTML 29Page - Dialog Semiconductor SLG46200 Datasheet HTML 30Page - Dialog Semiconductor SLG46200 Datasheet HTML 31Page - Dialog Semiconductor SLG46200 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
000-0046200-124
Page 23 of 64
SLG46200
11.2 ADC Operation Modes
The ADC has three operating modes:
Single-Ended ADC operation using IN+ from PIN 6, when ADC_sel (reg <350>) is “0”
Differential ADC operation using IN+ from PIN 6 and IN- from PIN 7, when ADC_sel (reg <350>) is “1”
Pseudo-Differential ADC operation using IN+ from PIN 6 and IN- from PIN 7, when ADC_sel (reg <350>) and ADC_gndoff_en
(reg <371>) bits are both set to “1”
11.3 ADC 3-bit Programmable Gain Amplifier
The front end of the ADC is a PGA with 3 bits for setting gain. The gain settings range from 0.5x to 16x. The PGA buffers the
ADC in all cases except with the singled ended gain is 0.5x. Single-ended PGA operation has gain settings of 0.5, 1, 2, 4, and
8x, while Differential operation has gain settings of 1, 2, 4, 8, and 16x. The PGA gain is set by the ADC_gain_control
(reg<353:351>). See ADC Register Settings Table.
For Pseudo-Differential mode, the PGA gain can only be 1x.
11.4 ADC 2-Channel Selection
When ADC_channel_sel (reg <339>) is set to “1”, the PGA of the ADC will sample either PIN 6 or PIN 7 on the IN+ input, where
the selection is controlled by PIN 2.
When PIN 2 is set to “0”, the ADC will sample PIN 7
When PIN 2 is set to “1”, the ADC will sample PIN 6
When ADC_channel_sel (reg <339>) is set to “0”, the PGA of the ADC will sample PIN 6 on the IN+ input
11.5 ADC Input Voltage Definition
The ADC’s input voltage (VIN_ADC) is calculated based on either the single-ended or differential operation modes the logic cell is
set to. In single-ended mode VIN_ADC is the sum of the positive input voltage and the gain of the PGA. While in differential mode
the VIN_ADC is the difference between the positive and negative input voltages times the gain of the PGA plus one half of the
reference voltage.
Figure 10. ADC 2-Channel Selection
Equation 1. ADC Input Voltage equation
1
0
PIN 6
reg <339>
CH SELECTOR (PIN 2)
Logic “1”
IN+
PIN 7
°¯
°
®
­

u

u



2
ref
gain
pga
in
in
gain
pga
in
adc
in
V
G
V
V
G
V
V
_
_
_
Single-ended mode
Differential mode


Similar Part No. - SLG46200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

Similar Description - SLG46200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com