Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46400 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SLG46400
Description  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 4Page - Dialog Semiconductor SLG46400 Datasheet HTML 5Page - Dialog Semiconductor SLG46400 Datasheet HTML 6Page - Dialog Semiconductor SLG46400 Datasheet HTML 7Page - Dialog Semiconductor SLG46400 Datasheet HTML 8Page - Dialog Semiconductor SLG46400 Datasheet HTML 9Page - Dialog Semiconductor SLG46400 Datasheet HTML 10Page - Dialog Semiconductor SLG46400 Datasheet HTML 11Page - Dialog Semiconductor SLG46400 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
000-0046400-109
Page 2 of 89
SLG46400
2.0 Pin Description
2.1 Functional Pin Description
2.2 Programming Pin Description
Pin #
Pin Name
Function
1
VDD
1.8V to 5V Supply
2
GPI
General Input
3
GPIO
General IO or Analog Comparator 0 Input
4
GPIO
General IO or Analog Comparator 1 Input
5
GPIO
General IO or External Clock of OSC, ADC, and S2P
6GPIO
General IO or Serial Output Data of ADC and Serial Input/Output Data
of S2P
7GND
GND
8
GPIO
General IO or Positive Input of ADC
9
GPIO
General IO or Negative Input of ADC
10
GPIO
General IO or VREF Output
11
GPIO
General IO or VREF Input
12
GPIO
General IO or Single-ended Mode ADC Input Selection
Exposed
Bottom Pad
GND
GND
Pin #
Pin Name
Programming Description
1VDD
VDD
2
GPI
VPP
3GPIO
Reset
4GPIO
N/A
5GPIO
N/A
6GPIO
N/A
7GND
GND
8
GPIO
Program Mode Control
9GPIO
Die ID
10
GPIO
NVM Read Mode Output Data
11
GPIO
NVM Write Mode Input Data
12
GPIO
NVM Clock


Similar Part No. - SLG46400

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

Similar Description - SLG46400

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com