Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46531 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # SLG46531
Description  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46531 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button SLG46531 Datasheet HTML 12Page - Dialog Semiconductor SLG46531 Datasheet HTML 13Page - Dialog Semiconductor SLG46531 Datasheet HTML 14Page - Dialog Semiconductor SLG46531 Datasheet HTML 15Page - Dialog Semiconductor SLG46531 Datasheet HTML 16Page - Dialog Semiconductor SLG46531 Datasheet HTML 17Page - Dialog Semiconductor SLG46531 Datasheet HTML 18Page - Dialog Semiconductor SLG46531 Datasheet HTML 19Page - Dialog Semiconductor SLG46531 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 170 page
background image
SLG46531_DS_109
Page 15 of 169
SLG46531
5.12.1 2 MHz RC Oscillator
Table 8. 2 MHz RC OSC0 frequency limits
Power Supply Range
(VDD) V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Minimum
Value, MHz
Maximum
Value, MHz
Minimum
Value, MHz
Maximum
Value, MHz
Minimum
Value, MHz
Maximum
Value, MHz
1.8 V ±5%
1.932
2.058
1.793
2.171
1.793
2.171
3.3 V ±10%
1.932
2.099
1.808
2.204
1.808
2.204
5 V ±10%
1.981
2.194
1.759
2.316
1.759
2.316
2.5 V ... 4.5 V
1.920
2.120
1.800
2.214
1.800
2.214
1.71 V… 5.5 V
1.811
2.288
1.710
2.337
1.710
2.361
Table 9. 2 MHz RC OSC0 frequency error (error calculated relative to nominal value)
Power Supply Range
(VDD) V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
1.8 V ±5%
-3.23%
3.10%
-10.21%
8.73%
-10.21%
8.73%
3.3 V ±10%
-3.40%
4.94%
-9.60%
10.19%
-9.60%
10.19%
5 V ±10%
-5.44%
9.70%
-12.03%
2.32%
-12.03%
15.81%
2.5 V ... 4.5 V
-4.00%
5.98%
-9.99%
10.68%
-9.99%
10.68%
1.71 V… 5.5 V
-9.46%
14.42%
-14.48%
16.85%
-14.48%
18.05%


Similar Part No. - SLG46531

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46531V RENESAS-SLG46531V Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46531VTR RENESAS-SLG46531VTR Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
More results

Similar Description - SLG46531

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com