Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46531 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # SLG46531
Description  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46531 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button SLG46531 Datasheet HTML 21Page - Dialog Semiconductor SLG46531 Datasheet HTML 22Page - Dialog Semiconductor SLG46531 Datasheet HTML 23Page - Dialog Semiconductor SLG46531 Datasheet HTML 24Page - Dialog Semiconductor SLG46531 Datasheet HTML 25Page - Dialog Semiconductor SLG46531 Datasheet HTML 26Page - Dialog Semiconductor SLG46531 Datasheet HTML 27Page - Dialog Semiconductor SLG46531 Datasheet HTML 28Page - Dialog Semiconductor SLG46531 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 170 page
background image
SLG46531_DS_109
Page 24 of 169
SLG46531
6.0 Summary of Macro Cell Function
6.1 I/O Pins
Digital Input (low voltage or normal voltage, with or without Schmitt Trigger)
Open Drain Outputs
Push Pull Outputs
Analog I/O
10 k
/100 k/1 Mpull-up/pull-down resistors
40 mA Open Drain 4X Drive output
6.2 Connection Matrix
Digital matrix for circuit connections based on user design
6.3 Analog Comparators (4 total)
Selectable hysteresis 0 mV / 25 mV / 50 mV / 200 mV
Wake and Sleep Control (Part of Combination Function Macrocell)
6.4 Voltage Reference
Used for references on Analog Comparators
Can also be driven to external pins
6.5 Combination Function Macrocells (17 total)
Three Selectable DFF/Latch or 2-bit LUTs
Five Selectable DFF/Latch or 3-bit LUTs
One Selectable Pipe Delay or 3-bit LUT
One Selectable Programmable Pattern Generator or 4-bit LUT
Five Selectable 8-bit CNT/DLY or 3-bit LUT
Two Selectable 16-bit CNT/DLY or 4-bit LUT
Wake and Sleep Controller
6.6 Asynchronous State Machine
• Eight States
• Flexible input logic from state transitions
6.7 Serial Communications
•I2C Protocol compliant
6.8 Pipe Delay (Part of Combination Function Macrocell)
16 stage / 3 output
One 1 stage fixed output
Two 1-16 stage selectable outputs.


Similar Part No. - SLG46531

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46531V RENESAS-SLG46531V Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46531VTR RENESAS-SLG46531VTR Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
More results

Similar Description - SLG46531

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com