Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YAT-1-D Datasheet(PDF) 3 Page - Mini-Circuits

Part # YAT-1-D
Description  Fixed Attenuator Die
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-1-D Datasheet(HTML) 3 Page - Mini-Circuits

  YAT-1-D Datasheet HTML 1Page - Mini-Circuits YAT-1-D Datasheet HTML 2Page - Mini-Circuits YAT-1-D Datasheet HTML 3Page - Mini-Circuits YAT-1-D Datasheet HTML 4Page - Mini-Circuits YAT-1-D Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fixed Attenuator Die
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Absolute Maximum Ratings
Operating Temperature (ground)
-40°C to 85°C
RF Input Power
2W
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications at 25°C, 50Ω
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
26.5
GHz
Attenuation1
DC - 5
1.0
dB
5 - 15
1.2
15 - 18
1.3
18 - 26.5
1.5
VSWR1
DC - 5
1.1
:1
5 - 15
1.3
15 - 18
1.4
18 - 26.5
1.6
Operating Input Power at2:
25°C
DC - 18
2
W
85°C
DC - 18
1
W
YAT-1-D+
Die Layout
Critical Dimensions
Parameter
Values
Die Thickness, µm
100
Die Width, µm
725
Die Length, µm
700
RF IN and RF OUT Bond Pad Size, µm
110 x 75
Ground Bond Pad Size, µm
110 x 150
Fig 3. Bonding Pad Positions
Bonding Pad Position
(Dimensions in µm, Typical)
Fig 2. Die Layout
1dB
1dB
1. Electrical specifications are typical measured characteristics on die using MPI Titan Series 250 µm pitch GSG probe.
2. Tested in industry standard 2x2 mm, 6-lead MCLP package.


Similar Part No. - YAT-1-D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YAT-10-D MINI-YAT-10-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-10A MINI-YAT-10A Datasheet
5Mb / 13P
   Fixed Attenuator
YAT-10A++ MINI-YAT-10A+ Datasheet
5Mb / 13P
   Fixed Attenuator
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-12A MINI-YAT-12A Datasheet
5Mb / 13P
   Fixed Attenuator
More results

Similar Description - YAT-1-D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YAT-2-D MINI-YAT-2-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-20-D MINI-YAT-20-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-2-D MINI-KAT-2-D Datasheet
262Kb / 4P
   Fixed Attenuator Die
KAT-8-D MINI-KAT-8-D Datasheet
267Kb / 4P
   Fixed Attenuator Die
KAT-0-D MINI-KAT-0-D Datasheet
292Kb / 4P
   Fixed Attenuator Die
YAT-5-D MINI-YAT-5-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-6-D MINI-KAT-6-D Datasheet
283Kb / 4P
   Fixed Attenuator Die
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-0-D MINI-YAT-0-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-9-D MINI-YAT-9-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com