Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2217 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2217
Description  LOW DROPOUT FIXED VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2217 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2217 Datasheet HTML 1Page - Texas Instruments TLV2217 Datasheet HTML 2Page - Texas Instruments TLV2217 Datasheet HTML 3Page - Texas Instruments TLV2217 Datasheet HTML 4Page - Texas Instruments TLV2217 Datasheet HTML 5Page - Texas Instruments TLV2217 Datasheet HTML 6Page - Texas Instruments TLV2217 Datasheet HTML 7Page - Texas Instruments TLV2217 Datasheet HTML 8Page - Texas Instruments TLV2217 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TLV2217
LOW DROPOUT FIXEDVOLTAGE REGULATORS
SLVS067K − MARCH 1992 − REVISED AUGUST 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
COMPENSATION-CAPACITOR SELECTION INFORMATION
The TLV2217 is a low-dropout regulator. This means that the capacitance loading is important to the performance
of the regulator because it is a vital part of the control loop. The capacitor value and the equivalent series resistance
(ESR) both affect the control loop and must be defined for the load range and the temperature range. Figures 1 and 2
can be used to establish the capacitance value and ESR range for the best regulator performance.
TLV2217
ESR OF OUTPUT CAPACITOR
vs
LOAD CURRENT
Figure 1
1
0.8
0.4
0.2
0
1.8
0.6
0
0.1
0.2
0.3
1.4
1.2
1.6
3
0.4
0.5
2
2.2
2.4
2.6
2.8
∆IL
∆VL
∆VL = ESR × ∆IL
Not Recommended
Potential Instability
CL = 22 µF
CI = 0.1 µF
TJ = 25°C
Maximum
ESR Boundary
Applied Load
Current
Load
Voltage
IL − Load Current − A
Minimum
ESR Boundary
10
µF
TLV2217
STABILITY
vs
ESR
Figure 2
0.015
0.01
0
0
0.5
1
1.5
2
3
4
0.025
0.035
1/ESR
0.04
4.5
5
0.005
0.03
0.02
22
µF
1000
µF
2.5
3.5
100 mF
200
µF
400
µF
Not Recommended
Potential Instability
Recommended Minimum ESR
Region of
Best Stability
typical application schematic
VO = 3.3 V
22
µF
3.8 V
0.1
µF
TLV2217-33
INPUT
OUTPUT
Figure 3
GND


Similar Part No. - TLV2217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
[Old version datasheet]   LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
TLV2217-18 TI-TLV2217-18 Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-18KCS TI-TLV2217-18KCS Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-18KCSE3 TI-TLV2217-18KCSE3 Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-18KTPR TI-TLV2217-18KTPR Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
More results

Similar Description - TLV2217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
[Old version datasheet]   LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5010-3.3BTU MSK-MSK5010-3.3BTU Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com