Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2217-25PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2217-25PWR
Description  LOW DROPOUT FIXED VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2217-25PWR Datasheet(HTML) 3 Page - Texas Instruments

  TLV2217-25PWR Datasheet HTML 1Page - Texas Instruments TLV2217-25PWR Datasheet HTML 2Page - Texas Instruments TLV2217-25PWR Datasheet HTML 3Page - Texas Instruments TLV2217-25PWR Datasheet HTML 4Page - Texas Instruments TLV2217-25PWR Datasheet HTML 5Page - Texas Instruments TLV2217-25PWR Datasheet HTML 6Page - Texas Instruments TLV2217-25PWR Datasheet HTML 7Page - Texas Instruments TLV2217-25PWR Datasheet HTML 8Page - Texas Instruments TLV2217-25PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLV2217
LOW DROPOUT FIXEDVOLTAGE REGULATORS
SLVS067K − MARCH 1992 − REVISED AUGUST 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at VI = 4.5 V, IO = 500 mA, TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TLV2217-33
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
IO = 20 mA to 500 mA,
VI = 3.8 V to 5.5 V
TJ = 25°C
3.267
3.30
3.333
V
Output voltage
IO = 20 mA to 500 mA,
VI = 3.8 V to 5.5 V
TJ = 0°C to 125°C
3.234
3.366
V
Input voltage regulation
VI = 3.8 V to 5.5 V
5
15
mV
Ripple rejection
f = 120 Hz,
Vripple = 1 VPP
VI = 4.5 V
−62
dB
Output voltage regulation
IO = 20 mA to 500 mA
5
30
mV
Output noise voltage
f = 10 Hz to 100 kHz
500
µV
Dropout voltage
IO = 250 mA
400
mV
Dropout voltage
IO = 500 mA
500
mV
Bias current
IO = 0
2
5
mA
Bias current
IO = 500 mA
19
49
mA
† Pulse-testing techniques are used to maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 22-µF tantalum capacitor,
with equivalent series resistance of 1.5
Ω, on the output.
electrical characteristics at VI = 3.3 V, IO = 500 mA, TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TLV2217-25
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
IO = 20 mA to 500 mA,
VI = 3.0 V to 5.5 V
TJ = 25°C
2.475
2.5
2.525
V
Output voltage
IO = 20 mA to 500 mA,
VI = 3.0 V to 5.5 V
TJ = 0°C to 125°C
2.45
2.55
V
Input voltage regulation
VI = 3.0 V to 5.5 V
4
12
mV
Ripple rejection
f = 120 Hz,
Vripple = 1 VPP,
VI = 4.5 V
−62
dB
Output voltage regulation
IO = 20 mA to 500 mA
4
23
mV
Output noise voltage
f = 10 Hz to 100 kHz
500
µV
Dropout voltage
IO = 250 mA
400
mV
Dropout voltage
IO = 500 mA
500
mV
Bias current
IO = 0
2
5
mA
Bias current
IO = 500 mA
19
49
mA
† Pulse-testing techniques are used to maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 22-µF tantalum capacitor,
with equivalent series resistance of 1.5
Ω, on the output.


Similar Part No. - TLV2217-25PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217-25PWR TI-TLV2217-25PWR Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-25PWRE4 TI-TLV2217-25PWRE4 Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
More results

Similar Description - TLV2217-25PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
[Old version datasheet]   LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5010-3.3BTU MSK-MSK5010-3.3BTU Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com