Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP121AIDBVR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP121AIDBVR
Description  1.5C Accurate Digital Temperature Sensor with SPI Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP121AIDBVR Datasheet(HTML) 6 Page - Burr-Brown (TI)

  TMP121AIDBVR Datasheet HTML 1Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 2Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 3Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 4Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 5Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 6Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 7Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 8Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TMP121
TMP123
SBOS273C − JUNE 2003 − REVISED FEBRUARY 2005
www.ti.com
6
0.25s
0.5s
50
µA(active)
20
µA(idle)
Figure 2. Conversion Time and Period
The serial data of the TMP121 and TMP123 consists of
12-bit plus sign temperature data followed by a
confirmation bit and two high impedance bits. Data is
transmitted in Binary Two’s Complement format. Figure 3
describes the output data of the TMP121 and TMP123.
Timing Diagrams
The TMP121 and TMP123 are SPI-compatible. Figure 4
and Figure 5 describe the various timing requirements,
with parameters defined in Table 3.
PARAMETER
MIN
MAX
UNITS
SCK Period
t1
100
ns
SCK Falling Edge to Output Data Delay
t2
30
ns
CS to Rising Edge SCK Set-Up Time
t3
40
ns
CS to Output Data Delay
t4
30
ns
CS Rising Edge to Output High Impedance
t5
30
ns
Table 3. Timing Description
SO/I
SCK
CS
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
Z
Figure 3. Data READ
SCK
CS
SO
t
1
t
3
t
2
t
4
Figure 4. Output Data Timing Diagram
SCK
CS
SO
t
5
t
5
SCK
CS
SO
Figure 5. High Impedance Output Timing Diagram


Similar Part No. - TMP121AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP121AIDBVR TI-TMP121AIDBVR Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP121AIDBVRG4 TI-TMP121AIDBVRG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
More results

Similar Description - TMP121AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com