Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACDA56-51CGKWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # ACDA56-51CGKWA
Description  Surface Mount Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACDA56-51CGKWA Datasheet(HTML) 1 Page - Kingbright Corporation

  ACDA56-51CGKWA Datasheet HTML 1Page - Kingbright Corporation ACDA56-51CGKWA Datasheet HTML 2Page - Kingbright Corporation ACDA56-51CGKWA Datasheet HTML 3Page - Kingbright Corporation ACDA56-51CGKWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAM4693 / 1352000604 Rev No: V.8A Date: 06/30/2017
Page 1 / 4
DESCRIPTIONS
The Green source color devices are made with
AlGaInP on GaAs substrate Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
0.56 inch digit height
Low current operation
Excellent character appearance
Mechanically rugged
Gray face, white segment
Package: 200 pcs / reel
Moisture sensitivity level: 2a
RoHS compliant
APPLICATIONS
Home and smart appliances
Display time and digital combination
Industrial and instrumental applications
Numeric status
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
ACDA56-51CGKWA
Surface Mount Display
RECOMMENDED SOLDERING PATTERN
(units: mm; tolerance: ± 0.15)
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01") unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.
Notes:
1. Luminous intensity / luminous Flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
Part Number
Emitting Color
(Material)
Lens Type
Iv (ucd) @ 10mA
[1]
Min.
Typ.
ACDA56-51CGKWA
Green (AlGaInP)
White Diffused
9000
25000
Common Anode
*2200
*4600
Description


Similar Part No. - ACDA56-51CGKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
ACDA56-51PBWA-A KINGBRIGHT-ACDA56-51PBWA-A Datasheet
268Kb / 5P
   SURFACE MOUNT DISPLAY
ACDA56-51SURKWA KINGBRIGHT-ACDA56-51SURKWA Datasheet
270Kb / 5P
   Excellent character appearance
ACDA56-51SURKWA KINGBRIGHT-ACDA56-51SURKWA_15 Datasheet
236Kb / 5P
   SURFACE MOUNT DISPLAY
ACDA56-51SYKWA KINGBRIGHT-ACDA56-51SYKWA Datasheet
240Kb / 5P
   Excellent character appearance
ACDA56-51SYKWA KINGBRIGHT-ACDA56-51SYKWA_15 Datasheet
240Kb / 5P
   SURFACE MOUNT DISPLAY
More results

Similar Description - ACDA56-51CGKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APPDA04-41SGWA KINGBRIGHT-APPDA04-41SGWA Datasheet
127Kb / 5P
   SURFACE MOUNT DISPLAY
logo
SunLED Corporation
XZDVG05C2 SUNLED-XZDVG05C2 Datasheet
197Kb / 3P
   SURFACE MOUNT DISPLAY
logo
Kingbright Corporation
ACPSC04-41SGWA KINGBRIGHT-ACPSC04-41SGWA Datasheet
306Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC02-41PBWA KINGBRIGHT-ACSC02-41PBWA Datasheet
193Kb / 5P
   SURFACE MOUNT DISPLAY
APSC56-21 KINGBRIGHT-APSC56-21 Datasheet
111Kb / 5P
   SURFACE MOUNT DISPLAY
ACPSA04-41SRWA KINGBRIGHT-ACPSA04-41SRWA Datasheet
203Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41PBWA KINGBRIGHT-ACSA03-41PBWA Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA08-51PBWA-A KINGBRIGHT-ACSA08-51PBWA-A Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA04-41SURKWA-F01 KINGBRIGHT-ACSA04-41SURKWA-F01 Datasheet
194Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41CGKWA-F01 KINGBRIGHT-ACSA03-41CGKWA-F01 Datasheet
192Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SURKWA-F01 KINGBRIGHT-ACSA02-41SURKWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com